Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL250 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL250
Szczegółowy opis  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
Pobierz  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
–6–
ADXL150/ADXL250
REV. 0
TIME –
s
20
02468
10
12
14
16
18
20
15
10
5
0
–5
–10
–15
–20
NOISE FROM INTERNAL CLOCK
Figure 9. Typical Output Noise Voltage with Spikes
Generated by Internal Clock
TIME – ms
SELF-TEST
OUTPUT
(0.2V/DIV)
SELF-TEST
INPUT
(2V/DIV)
02468
10
12
14
16
18
20
Figure 10. Typical Self-Test Response
FREQUENCY – Hz
2.00
1.75
0.25
2k
10
100
1k
1.50
1.25
0.75
0.50
1.00
2.25
2.50
Figure 11. Noise Spectral Density
SUPPLY VOLTAGE – Volts
0.6
0.8
4.0
5.0
1.0
1.2
1.4
1.6
4.5
5.5
6.0
Figure 12. Noise vs. Supply Voltage
FREQUENCY – kHz
30
25
0
100
10000
1000
20
15
10
5
Figure 13. Baseband Error Graph
Figure 13 shows the mV rms error in the output signal if there is
a noise on the power supply pin of 1 mV rms at the internal
clock frequency or its odd harmonics. This is a baseband noise
and can be at any frequency in the 1 kHz passband or at dc.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202Low Cost +-2 g/+-10 g Dual Axis iMEMS Accelerometers with Digital Output 1 2 3 4 5 MoreAnalog Devices
PA11521800 -2000 MHz. Ultra Low Noise Linear Power Amplifier 1 Tyco Electronics
CXG1096FNPower Amplifier/Antenna Switch + Low Noise Down Conversion Mixer for PHS 1 2 3 4 5 MoreSony Corporation
X9015Low Noise Low Power Volatile 1 2 3 4 5 MoreIntersil Corporation
PA11531800 -2000 MHz. Low Noise Linear Power Amplifier 1 Tyco Electronics
AFM04P3-213Low Noise/Medium Power GaAs MESFET Chips 1 2 3 Alpha Industries
X9315Low Noise Low Power 32 Taps 1 2 3 4 5 MoreIntersil Corporation
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl