Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC081S021 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC081S021
Szczegółowy opis  Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC081S021 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC081S021 Datasheet HTML 1Page - Texas Instruments ADC081S021 Datasheet HTML 2Page - Texas Instruments ADC081S021 Datasheet HTML 3Page - Texas Instruments ADC081S021 Datasheet HTML 4Page - Texas Instruments ADC081S021 Datasheet HTML 5Page - Texas Instruments ADC081S021 Datasheet HTML 6Page - Texas Instruments ADC081S021 Datasheet HTML 7Page - Texas Instruments ADC081S021 Datasheet HTML 8Page - Texas Instruments ADC081S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADC121S101
SNAS304E – JANUARY 2006 – REVISED OCTOBER 2012
www.ti.com
ADC121S101 Converter Electrical Characteristics
(1) (2)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 10 MHz to 20 MHz, CL = 15 pF, fSAMPLE = 500
ksps to 1 Msps, unless otherwise noted. Boldface limits apply for TA = -40°C to +125°C: all other limits TA = 25°C unless
otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing
VA = +2.7v to +3.6V −40°C ≤ TA ≤ 125°C
12
Bits
Codes
+0.4
LSB (max)
SOT-23
±1.0
-0.4
LSB (min)
−40°C ≤ TA ≤ +85°C, VA = +2.7V to
+3.6V
+0.4
+1.0
LSB (max)
WSON
-0.4
-1.2
LSB (min)
INL
Integral Non-Linearity
+1.0
LSB (max)
SOT-23
-1.1
LSB (min)
TA = 125°C, VA = +2.7v to +3.6V
+1.0
LSB (max)
WSON
-1.3
LSB (min)
+0.5
+1.0
LSB (max)
−40°C ≤ TA ≤ +85°C, VA = +2.7V to +3.6V
DNL
Differential Non-Linearity
−0.3
-0.9
LSB (min)
TA = 125°C, VA = +2.7v to +3.6V
±1.0
LSB (max)
LSB (max)
VOFF
Offset Error
−40°C ≤ TA ≤ 125°C, VA = +2.7v to +3.6V
±0.1
±1.2
LSB (min)
SOT-23
±0.20
±1.2
LSB (max)
GE
Gain Error
−40°C ≤ TA ≤ 125°C, VA = +2.7 to +3.6V
WSON
±0.20
±1.5
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
Signal-to-Noise Plus
VA = +2.7 to 5.25V, −40°C ≤ TA ≤ 125°C
SINAD
72
70
dB (min)
Distortion Ratio
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V, −40°C ≤ TA ≤ +85°C
72.5
70.8
fIN = 100 kHz, −0.02 dBFS
SNR
Signal-to-Noise Ratio
dB (min)
VA = +2.7 to 5.25V, TA = +125°C
70.6
fIN = 100 kHz, −0.02 dBFS
THD
Total Harmonic Distortion
VA = +2.7 to 5.25V, fIN = 100 kHz, −0.02 dBFS
−80
dB (max)
Spurious-Free Dynamic
SFDR
VA = +2.7 to 5.25V, fIN = 100 kHz, −0.02 dBFS
82
dB (min)
Range
ENOB
Effective Number of Bits
VA = +2.7 to 5.25V, fIN = 100 kHz, −0.02 dBFS
11.6
11.3
Bits (min)
Intermodulation Distortion,
VA = +5.25V, fa = 103.5 kHz, fb = 113.5 kHz
−78
dB
Second Order Terms
IMD
Intermodulation Distortion,
VA = +5.25V, fa = 103.5 kHz, fb = 113.5 kHz
−78
dB
Third Order Terms
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
4
pF
(1)
Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
(2)
Data sheet min/max specification limits are guaranteed by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: ADC121S101


Podobny numer części - ADC081S021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC081S021 NSC-ADC081S021 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC081S021 NSC-ADC081S021 Datasheet
720Kb / 17P
   Single Channel, 50 to 200ksps, 8-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Podobny opis - ADC081S021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC081S101-MIL TI1-ADC081S101-MIL Datasheet
430Kb / 24P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
ADC121S101 TI1-ADC121S101 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
   Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
   Rad-hard 12-bit 0.5 to 50 Msps A/D converter
logo
National Semiconductor ...
ADC122S101 NSC-ADC122S101 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com