Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD1E05U06DPYR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD1E05U06DPYR
Szczegółowy opis  1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD1E05U06DPYR Arkusz danych(HTML) 2 Page - Texas Instruments

  TPD1E05U06DPYR Datasheet HTML 1Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 2Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 3Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 4Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 5Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 6Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 7Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 8Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPD1E05U06
TPD4E05U06
TPD6E05U06
SLVSBO7B – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
TOP-SIDE
TA
PACKAGE(1) (2)
QUANTITY
ORDERABLE PART NUMBER
MARKING(3)
SON – DPY
Tape and reel
10K
TPD1E05U06DPYR
C1
SON – DPY
Tape and reel
250
TPD1E05U06DPYT
TBD
–40°C to 85°C
SON – DQA
Tape and reel
3000
TPD4E05U06DQAR
TBD
SON – RVZ
Tape and reel
3000
TPD6E05U06RVZR
TBD
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DQA: The actual top-side marking has one additional character that designates wafer fab/assembly site.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Single Channel Schematic Diagram
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06


Podobny numer części - TPD1E05U06DPYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD1E05U06DPYR TI1-TPD1E05U06DPYR Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD1E05U06DPYR LEIDITECH-TPD1E05U06DPYR Datasheet
1,005Kb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
TPD1E05U06DPYR UMW-TPD1E05U06DPYR Datasheet
489Kb / 3P
   45W peak pulse power (tp = 8/20μs)
More results

Podobny opis - TPD1E05U06DPYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com