Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4S214AYFFR Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TPD4S214AYFFR
Szczegółowy opis  USB OTG Companion Device with VBUS Over Voltage, Over Current Protection, and Four Channel ESD Clamps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD4S214AYFFR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPD4S214AYFFR Datasheet HTML 2Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 3Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 4Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 5Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 6Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 7Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 8Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 9Page - Texas Instruments TPD4S214AYFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPD4S214
SLVSBR1A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS FOR DET CIRCUITS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBUS_VALID–
Valid VBUS voltage detect
VBUS = 7 V to 0 V
2.7
2.9
3
V
VBUS_VALID+
Valid VBUS voltage detect
VBUS = 0 V to 7 V
5.3
5.4
5.6
V
VBUS detect propagation
VBUS 0 V to 4 V, 200 ns ramp; VBUS = VBUS_VALID– MIN to
TDET_DELAY–
4.9
µs
delay–
DET toggles high
VBUS detect propagation
VBUS 6 V to 4 V, 200 ns ramp; VBUS = VBUS_VALID+ MAX to
TDET_DELAY+
1.8
µs
delay+
DET toggles low
ELECTRICAL CHARACTERISTICS FOR OTG SWITCH
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS_ON
OTG switch resistance
VBUS = 5 V, IOUT = 100 mA, RADJ = 75 kΩ
(1)
263
290
m
VDROP
OTG switch voltage drop
VBUS = 5 V, IOUT = 100 mA, RADJ = 75 kΩ
12.6
29
mV
VBUS = 30 V, EN = 5 V, VOTG_IN = 5 V
6
µA
IOTG_OFF_30V Leakage current at 30V
VBUS = 30 V, EN = 5 V, VOTG_IN = 0 V
11
nA
IOTG_OFF_2V
Leakage current at–2V
VBUS = -2 V, EN = 5 V, VOTG_IN = 5 V
30
µA
Measured at
VBUS = 0 V, EN = 0 V, VOTG_IN = 5 V
32
µA
VOTG_IN
IOTG_OFF
Standby Leakage current
VBUS = 5 V, EN = 0 V, VOTG_IN = 0 V
10
nA
VBUS = 5 V, EN = 5 V, VOTG_IN = 0V
1
nA
IBUS_REV
Reverse Leakage current
VBUS = 5.5 V, EN = 5 V, VOTG_IN = 5 V
6
µA
TON
Turn-ON time
RL = 100 Ω, CL = 1 uF, RADJ = 75 kΩ
16
ms
TOFF_EN
Turn-OFF time
RL = 100 Ω, CL = 1 uF, RADJ = 75 kΩ, toggle EN
80
µs
TOFF_OTG
Turn-OFF time
RL = 100 Ω, CL = 1 uF, RADJ = 75 kΩ, toggle VOTG_IN
0.5
µs
TRISE
Output rise time
RL = 100 Ω, CL = 1 uF, RADJ = 75 kΩ
137
µs
TFALL
Output fall time
RL = 100 Ω, CL = 1 uF, RADJ = 75 kΩ
1.6
µs
(1)
RDS_ON is measured at 25°C
ELECTRICAL CHARACTERISTICS FOR CURRENT LIMIT and SHORT CIRCUIT PROTECTION
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RADJ = 226 kΩ
(1)
235
255
281
Current
−limit threshold
RADJ = 75 kΩ
(1)
735
792
830
IOCP
(maximum DC output current
VOTG_IN = 5 V
mA
RADJ = 62 kΩ
(1)
885
959
1005
IOUT delivered to load)
RADJ = 45 kΩ
(1)
1128
1200
1363
RL = 1
Ω, CL = 1 uF,
TBLANK
Blanking time after enable
VOTG_IN = 5 V
4
ms
RADJ = 75 k
TDEGL
Deglitch time while enabled
9.4
ms
TDET_SC
Response time to short circuit
10
µs
VOTG_IN = 5 V, RL = 100 Ω,
Hiccup pulse width; auto-
CL = 1 uF, RADJ = 75 k
Ω,
TREG
Short circuit regulation time
13
ms
retry time
apply short to ground
Short circuit over current
TOCP
Hiccup pulse period
153
ms
protection time
VSHORT
Short circuit threshold
4
V
See Figure 5 under test
RL = 100
Ω, CL = 22 µF,
IINRUSH
Inrush current during a startup
726
mA
configuration
RADJ = 75 k
(1)
External resistor tolerance is ±1%
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPD4S214


Podobny numer części - TPD4S214AYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 18P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009 Datasheet
1Mb / 20P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

Podobny opis - TPD4S214AYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Will Semiconductor Ltd.
WS3218 WILLSEMI-WS3218 Datasheet
457Kb / 10P
   Over-Voltage Protection Device for USB 2.0 Compliant VBUS and Data Switches
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com