Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD5S115 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD5S115
Szczegółowy opis  HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD5S115 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPD5S115 Datasheet HTML 4Page - Texas Instruments TPD5S115 Datasheet HTML 5Page - Texas Instruments TPD5S115 Datasheet HTML 6Page - Texas Instruments TPD5S115 Datasheet HTML 7Page - Texas Instruments TPD5S115 Datasheet HTML 8Page - Texas Instruments TPD5S115 Datasheet HTML 9Page - Texas Instruments TPD5S115 Datasheet HTML 10Page - Texas Instruments TPD5S115 Datasheet HTML 11Page - Texas Instruments TPD5S115 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TPD5S115
SLVSBL2B – OCTOBER 2012 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
–40°C to 85°C
UNIT
MIN
TYP
MAX
VOHA
IOH = –10 µA
VI = VIH
1.2 V to 3.6 V
VCCA ×
V
0.80
VOLA
IOL = 10 µA
VI = VIL
1.2 V to 3.6 V
VCCA ×
V
0.16
VOHB
IOH = –10 µA
VI = VIH
V
VOLB
IOL = 3 mA
VI = VIL
0.4
V
Pull-up
SCL_A,
connected to
10
SDA_A
VCCA rail
RPU
Internal pull-up
k
Ω
Pull-up
SCL_B,
connected to 5 V
1.75
SDA_B
rail
Transient Boosted Pull-up
Pull-up
SCL_B,
IPULLUPAC
Current (rise-time
connected to 5 V
15
mA
SDA_B
accelerator)
rail
A port
VCCA = 0 V, VI or VO = 0 to 3.6 V
0 V
±5
Ioff
B port
5VOUT = 0 V, VI or VO = 0 to 5.5 V
0 V to 3.6 V
±5
µA
A port
VO = VCCO or GND
1.2 V to 3.6 V
±5
IOZ
B port
VI = VCCI or GND
1.2 V to 3.6 V
±5
Voltage Level Shifter CEC Line (x_A & x_B ports)
VOHA
IOH = –10 µA
VI = VIH
1.2 V to 3.6 V
VCCA ×
V
0.80
VOLA
IOL = 10 µA
VI = VIL
1.2 V to 3.6 V
VCCA ×
V
0.16
VOHB
IOH = –20 µA
VI = VIH
VCCA ×
V
0.80
VOLB
IOL = 3 mA
VI = VIL
0.4
V
Pull-up
CEC_A
connected to
10
VCCA rail
RPU
Internal pull-up
k
Ω
Pull-up
CEC_B
connected to 3.3
22
26
30
V rail
Pull-up
RPD
Internal pull-down
CEC_B
connected to
14
M
Ω
GND
A port
VCCA = 0 V, VI or VO = 0 to 3.6 V
0 V
±5
Ioff
B port
5VOUT = 0 V, VI or VO = 0 to 5.5 V
0 V to 3.6 V
±1.8
µA
A port
VO = VCCO or GND
1.2 V to 3.6 V
±5
IOZ
B port
VI = VCCI or GND
1.2 V to 3.6 V
±5
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD5S115


Podobny numer części - TPD5S115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD5S116YFFR TI-TPD5S116YFFR Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
More results

Podobny opis - TPD5S115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
   1.1A Step-Up DC/DC Converter with
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com