Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A5223 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A5223
Szczegółowy opis  0.45ohm Dual SPDT Bidirectional Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A5223 Arkusz danych(HTML) 4 Page - Texas Instruments

  TS3A5223 Datasheet HTML 1Page - Texas Instruments TS3A5223 Datasheet HTML 2Page - Texas Instruments TS3A5223 Datasheet HTML 3Page - Texas Instruments TS3A5223 Datasheet HTML 4Page - Texas Instruments TS3A5223 Datasheet HTML 5Page - Texas Instruments TS3A5223 Datasheet HTML 6Page - Texas Instruments TS3A5223 Datasheet HTML 7Page - Texas Instruments TS3A5223 Datasheet HTML 8Page - Texas Instruments TS3A5223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
3.5
Vin(V)
-40C
25C
85C
C003
C003
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
3.5
4
Vin(V)
-40C
25C
85C
C003
C003
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
2
Vin(V)
-40C
25C
85C
C003
C003
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.5
1
1.5
2
2.5
Vin(V)
-40C
25C
85C
C003
C003
TS3A5223
SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 2. On-Resistance vs. Switch Input Voltage at
Figure 3. On-Resistance vs. Switch Input Voltage at
VCC=1.8V
VCC=2.3V
Figure 4. On-Resistance vs. Switch Input Voltage at
Figure 5. On-Resistance vs. Switch Input Voltage at
VCC=3.0V
VCC=3.6V
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A5223


Podobny numer części - TS3A5223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5223 TI1-TS3A5223 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223RSWR TI1-TS3A5223RSWR Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
More results

Podobny opis - TS3A5223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
logo
Monolithic Power System...
MPQ2735 MPS-MPQ2735 Datasheet
360Kb / 11P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches AEC-Q100 Qualified
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com