Zakładka z wyszukiwarką danych komponentów |
|
ADSP-2115BS-66 Arkusz danych(PDF) 10 Page - Analog Devices |
|
ADSP-2115BS-66 Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 64 page ADSP-21xx –10– REV. B Figure 5. ADSP-2111 System The RESET input resets all internal stack pointers to the empty stack condition, masks all interrupts, and clears the MSTAT register. When RESET is released, the boot loading sequence is performed (provided there is no pending bus request and the chip is configured for booting, with MMAP = 0). The first instruction is then fetched from internal program memory location 0x0000. Program Memory Interface The on-chip program memory address bus (PMA) and on-chip program memory data bus (PMD) are multiplexed with the on- chip data memory buses (DMA, DMD), creating a single external data bus and a single external address bus. The external data bus is bidirectional and is 24 bits wide to allow instruction fetches from external program memory. Program memory may contain code and data. The external address bus is 14 bits wide. For the ADSP-2101, ADSP-2103, and ADSP-2111, these lines can directly address up to 16K words, of which 2K are on-chip. For the ADSP-2105 and ADSP-2115, the address lines can directly address up to 15K words, of which 1K is on-chip. The data lines are bidirectional. The program memory select (PMS) signal indicates accesses to program memory and can be used as a chip select signal. The write (WR) signal indicates a write operation and is used as a write strobe. The read (RD) signal indicates a read operation and is used as a read strobe or output enable signal. The ADSP-21xx processors write data from their 16-bit registers to 24-bit program memory using the PX register to provide the lower eight bits. When the processor reads 16-bit data from 24-bit program memory to a 16-bit data register, the lower eight bits are placed in the PX register. The program memory interface can generate 0 to 7 wait states for external memory devices; default is to 7 wait states after RESET . Program Memory Maps Program memory can be mapped in two ways, depending on the state of the MMAP pin. Figure 6 shows the two program memory maps for the ADSP-2101, ADSP-2103, and ADSP-2111. Figure 8 shows the program memory maps for the ADSP-2105 and ADSP-2115. Figures 7 and 9 show the program memory maps for the ADSP-2161/62 and ADSP-2163/ 64, respectively. BR BG CLKIN RESET IRQ2 BMS CLKOUT ADDR DATA (OPTIONAL) 1x CLOCK or CRYSTAL PMS DMS RD WR ADDR 13-0 DATA 23-0 ADDR DATA (OPTIONAL) ADDR DATA BOOT MEMORY e.g. EPROM 2764 27128 27256 27512 PROGRAM MEMORY DATA MEMORY & PERIPHERALS 14 24 D 23-22 A 13-0 D 15-8 D 23-0 D 23-8 A 13-0 A 13-0 XTAL MMAP SERIAL DEVICE (OPTIONAL) SCLK1 RFS1 or IRQ0 TFS1 or IRQ1 DT1 or FO DR1 or FI SPORT 1 SCLK0 RFS0 TFS0 DT0 DR0 SPORT 0 SERIAL DEVICE (OPTIONAL) OE WE CS OE WE CS OE CS ADSP-2111 HOST PROCESSOR (OPTIONAL) HOST INTERFACE PORT CONTROL DATA / ADDR (OPTIONAL) FL0 FL1 FL2 7 16 THE TWO MSBs OF THE DATA BUS (D 23-22 ) ARE USED TO SUPPLY THE TWO MSBs OF THE BOOT MEMORY EPROM ADDRESS. THIS IS ONLY REQUIRED FOR THE 27256 AND 27512. |
Podobny numer części - ADSP-2115BS-66 |
|
Podobny opis - ADSP-2115BS-66 |