Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX2520DB16000D0GEJZ1 Arkusz danych(PDF) 1 Page - Kyocera Kinseki Corpotation

Numer części CX2520DB16000D0GEJZ1
Szczegółowy opis  2.5횞2.0mm for Consumer Products
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KSS [Kyocera Kinseki Corpotation]
Strona internetowa  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX2520DB16000D0GEJZ1 Arkusz danych(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX2520DB16000D0GEJZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
Features
• Crystal unit for Consumer Products
• Ceramic package
• Reflow compatible
Applications
• Digital Electronics
• Consumer Products
How to Order
CX2520DB 27000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
B0
6 pF
D0
8 pF
Std.
④ Frequency Stability
G
±15×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
EJ
-10 to +70°C
±15×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
2.5±0.1
CONNECTION
(TOP VIEW)
HOT
HOT
GND
#4
#3
#1
#2
#4
#3
#1
#2
4−R0.15
4−0.15±0.1
#1
#2
#4
#3
4−0.66±0.1
0.20±0.05
0.50±0.05
0.115
Dimensions
(Unit: mm)
1.2
1.2
0.5
1.7
Recommended Land Pattern
(Unit: mm)
Table2 Level of Drive
Frequency Range
Level of Drive
16000 to 54000kHz
10
μW (100μW max.)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
16000 to 19199kHz
100
Ω max.
19200 to 25999kHz
80
Ω max.
26000 to 29999kHz
60
Ω max.
30000 to 54000kHz
50
Ω max.
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
16000.000
CX2520DB16000D0GEJZ1
19200.000
CX2520DB19200D0GEJZ1
24000.000
CX2520DB24000D0GEJZ1
24576.000
CX2520DB24576D0GEJZ1
26000.000
CX2520DB26000D0GEJZ1
27000.000
CX2520DB27000D0GEJZ1
27120.000
CX2520DB27120D0GEJZ1
30000.000
CX2520DB30000D0GEJZ1
32000.000
CX2520DB32000D0GEJZ1
37400.000
CX2520DB37400D0GEJZ1
38400.000
CX2520DB38400D0GEJZ1
40000.000
CX2520DB40000D0GEJZ1
48000.000
CX2520DB48000D0GEJZ1
Specifications
Item
Symbol
Specification
Units
Remarks
Series
CX2520DB
Frequency Range
f_nom
16000 to 54000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
8
pF
Frequency Stability
f_tol
±15
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-10 to +70
°C
Storage Temp. Range
T_stg
-40 to +85
°C
Frequency Temp. Characteristics
f_tem
±15
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
2.5
×2.0mm for Consumer Products
Crystal Units
Surface Mount Type CX2520DB


Podobny numer części - CX2520DB16000D0GEJZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kyocera Kinseki Corpota...
CX2520DB KSS-CX2520DB Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2520DB KSS-CX2520DB_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
More results

Podobny opis - CX2520DB16000D0GEJZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
   2.0횞1.6mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
   3.2횞2.5mm for Consumer Products
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
   1.6횞1.2mm for Consumer Products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
   Processors for Consumer and Industrial Products
IMX28CEC FREESCALE-IMX28CEC Datasheet
665Kb / 70P
   Processors Data Sheet for Consumer Products
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com