Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2115KS-80 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADSP-2115KS-80
Szczegółowy opis  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2115KS-80 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADSP-2115KS-80 Datasheet HTML 3Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 4Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 5Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 6Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 7Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 8Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 9Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 10Page - Analog Devices ADSP-2115KS-80 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
ADSP-21xx
REV. B
–7–
The interrupt force and clear register, IFC, is a write-only
register that contains a force bit and a clear bit for each inter-
rupt (except for level-sensitive interrupts and the ADSP-2111
HIP interrupts—these cannot be forced or cleared in software).
When responding to an interrupt, the ASTAT, MSTAT, and
IMASK status registers are pushed onto the status stack and
the PC counter is loaded with the appropriate vector address.
The status stack is seven levels deep (nine levels deep on the
ADSP-2111) to allow interrupt nesting. The stack is automati-
cally popped when a return from the interrupt instruction is
executed.
Pin Definitions
Table IV (on next page) shows pin definitions for the ADSP-
21xx processors. Any inputs not used must be tied to VDD.
Table III. Interrupt Vector Addresses & Priority
ADSP-2105
Interrupt
Interrupt
Source
Vector Address
RESET
Startup
0x0000
IRQ2
0x0004 (High Priority)
SPORT1 Transmit or IRQ1
0x0010
SPORT1 Receive or IRQ0
0x0014
Timer
0x0018 (Low Priority)
ADSP-2101/2103/2115/216x
Interrupt
Interrupt
Source
Vector Address
RESET
Startup
0x0000
IRQ2
0x0004 (High Priority)
SPORT0 Transmit
0x0008
SPORT0 Receive
0x000C
SPORT1 Transmit or IRQ1
0x0010
SPORT1 Receive or IRQ0
0x0014
Timer
0x0018 (Low Priority)
ADSP-2111
Interrupt
Interrupt
Source
Vector Address
RESET
Startup
0x0000
IRQ2
0x0004 (High Priority)
HIP Write from Host
0x0008
HIP Read to Host
0x000C
SPORT0 Transmit
0x0010
SPORT0 Receive
0x0014
SPORT1 Transmit or IRQ1
0x0018
SPORT1 Receive or IRQ0
0x001C
Timer
0x0020 (Low Priority)
SYSTEM INTERFACE
Figure 3 shows a typical system for the ADSP-2101, ADSP-
2115, or ADSP-2103, with two serial I/O devices, a boot
EPROM, and optional external program and data memory. A
total of 15K words of data memory and 16K words of program
memory is addressable for the ADSP-2101 and ADSP-2103. A
total of 14.5K words of data memory and 15K words of
program memory is addressable for the ADSP-2115.
Figure 4 shows a system diagram for the ADSP-2105, with one
serial I/O device, a boot EPROM, and optional external
program and data memory. A total of 14.5K words of data
memory and 15K words of program memory is addressable for
the ADSP-2105.
Figure 5 shows a system diagram for the ADSP-2111, with two
serial I/O devices, a host processor, a boot EPROM, and
optional external program and data memory. A total of 15K
words of data memory and 16K words of program memory is
addressable.
Programmable wait-state generation allows the processors to
easily interface to slow external memories.
The ADSP-2101, ADSP-2103, ADSP-2115, and ADSP-2111
processors also provide either: one external interrupt (IRQ2)
and two serial ports (SPORT0, SPORT1), or three external
interrupts (IRQ2, IRQ1, IRQ0) and one serial port (SPORT0).
The ADSP-2105 provides either: one external interrupt (IRQ2)
and one serial port (SPORT1), or three external interrupts
(IRQ2, IRQ1, IRQ0) with no serial port.
Clock Signals
The ADSP-21xx processors’ CLKIN input may be driven by a
crystal or by a TTL-compatible external clock signal. The
CLKIN input may not be halted or changed in frequency during
operation, nor operated below the specified low frequency limit.
If an external clock is used, it should be a TTL-compatible
signal running at the instruction rate. The signal should be
connected to the processor’s CLKIN input; in this case, the
XTAL input must be left unconnected.
Because the ADSP-21xx processors include an on-chip oscilla-
tor circuit, an external crystal may also be used. The crystal
should be connected across the CLKIN and XTAL pins, with
two capacitors connected as shown in Figure 2. A parallel-
resonant, fundamental frequency, microprocessor-grade crystal
should be used.
Figure 2. External Crystal Connections
CLKIN
CLKOUT
XTAL
ADSP-21xx


Podobny numer części - ADSP-2115KS-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2115KS-80 AD-ADSP-2115KS-80 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KS-80 AD-ADSP-2115KS-80 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KS-80 AD-ADSP-2115KS-80 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Podobny opis - ADSP-2115KS-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com