Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2115KST-80 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADSP-2115KST-80
Szczegółowy opis  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2115KST-80 Arkusz danych(HTML) 3 Page - Analog Devices

  ADSP-2115KST-80 Datasheet HTML 1Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 2Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 3Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 4Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 5Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 6Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 7Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 8Page - Analog Devices ADSP-2115KST-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ADSP-21xx
REV. B
–3–
Table I. ADSP-21xx Processor Features
Feature
2101
2103
2105
2115
2111
Data Memory (RAM)
1K
1K
1
2 K
1
2 K1K
Program Memory (RAM)
2K
2K
1K
1K
2K
Timer
•••••
Serial Port 0 (Multichannel)
••
••
Serial Port 1
•••••
Host Interface Port
Speed Grades (Instruction Cycle Time)
10.24 MHz (76.9 ns)
13.0 MHz (76.9 ns)
13.824 MHz (72.3 ns)
16.67 MHz (60 ns)
••
20.0 MHz (50 ns)
•••
25 MHz (40 ns)
Supply Voltage
5 V
3.3 V
5 V
5 V
5 V
Packages
68-Pin PGA
68-Lead PLCC
••••
80-Lead PQFP
••
80-Lead TQFP
100-Pin PGA
100-Lead PQFP
Temperature Grades
K Commercial 0
°C to +70°C
•••••
B Industrial
–40
°C to +85°C
•••••
T Extended
–55
°C to +125°C
Table II. ADSP-216x ROM-Programmed Processor Features
Feature
2161
2162
2163
2164
Data Memory (RAM)
1
2 K
1
2 K
1
2 K
1
2 K
Program Memory (ROM)
8K
8K
4K
4K
Program Memory (RAM)
Timer
••••
Serial Port 0 (Multichannel)
••••
Serial Port 1
••••
Supply Voltage
5 V
3.3 V
5 V
3.3 V
Speed Grades (Instruction Cycle Time)
10.24 MHz (97.6 ns)
16.67 MHz (60 ns)
25 MHz (40 ns)
––
Packages
68-Lead PLCC
••••
80-Lead PQFP
••••
Temperature Grades
K Commercial 0
°C to +70°C
••••
B Industrial
–40
°C to +85°C
••••


Podobny numer części - ADSP-2115KST-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2115KST-80 AD-ADSP-2115KST-80 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KST-80 AD-ADSP-2115KST-80 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KST-80 AD-ADSP-2115KST-80 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Podobny opis - ADSP-2115KST-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com