Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAPA800 Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części CAPA800
Szczegółowy opis  8 USB 2.0 ports
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA800 Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA800 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
106
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Audio
SATA
CAPA800
Intel
® Atom™ N450/ D410/ D510 3.5"
Embedded SBC with Intel
® ICH8M Chipset,
LVDS/VGA, Dual LANs and Audio
Intel
® Atom™ processor N450/ D410/ D510 1.66 GHz
Intel
® ICH8M chipset
1 DDR2 SO-DIMM supports up to 2 GB memory capacity
8 USB 2.0 ports
4 COM ports
PCI Express Mini Card expansion
I/O
Ordering Information
Packing List
System
MIO
3 x RS-232 (COM 2~4); with +5V/+12V powered
1 x RS-232/422/485 (COM1); with +5V/+12V powered
SATA
2 x SATA-300
Hardware Monitoring
Detect system temperature, voltage and fan speed
Ethernet
1st port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel
® 82567V
2nd port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Realtek RTL8111DL
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
8 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
Standard
CAPA800VGGA-N450
(fanless)
(P/N: E38E800100)
3.5" SBC with Intel
® Atom™ processor N450, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 8 USB and audio
CAPA800VGGA-D510
(heatsink fan included)
(P/N: E38E800103)
3.5" SBC with Intel
® Atom™ processor D510, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 8 USB and audio
Optional/MOQ
CAPA800VGGA-D410
(heatsink fan included)
(P/N: E38E800102)
3.5" SBC with Intel
® Atom™ processor D410, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 8 USB and audio
AX95601
(P/N: E395601100)
LVDS converter for scale up to 1920 x 1080 48bit
AX95601
(P/N: E395601101)
LVDS converter for pixel compensated to 1280 x 1024 48bit
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380000300E
2 x COM w/ bracket P=1.27 x 2.54 L=300mm
1
59384500100E
Audio cable w/ bracket P=2,450mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180mm
1
CPU
Intel
® Atom™ processor N450/ D410 1.66 GHz single core &
D510 1.66 GHz dual core onboard
System Memory
1 x 200-pin SO-DIMM supports DDR2-667/800 max.
up to 2 GB (N450 supports DDR2-667 max. up to 2 GB)
Chipset
Intel
® ICH8M
BIOS
AMI
SSD
1 x CompactFlash™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirements
*Intel
® Atom™ N450 @1.66 GHz, 1GB DDR2
Max. RMS: +12V @ 907mA
*Intel
® Atom™ D410 @1.66 GHz, 1GB DDR2
Max. RMS: +12V @ 1.02A
*Intel
® Atom™ D510 @1.66 GHz, 1GB DDR2
Max. RMS: +12V @ 1.207A
Size
146 x 104 mm
Board Thickness
1.6 mm
Operating
Standard: 0° ~ +60°C (32°F ~ 140°F)
Temperature
Optional: -20°C ~ +70°C (-4°F ~ +158°F)
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
Top view
DDR2
SO-DIMM
CF type-II
Fanless
Low Power
LVDS
PCI Express Mini Card
VGA
USB 3~8
Ethernet 1
Ethernet 2
USB 1/2
COM 1
COM 2
COM 3/4
PCIe Mini
PCIe Mini
PCIe Mini
Display
Chipset
Intel
® GMA 3150 graphics core
Memory Size
Intel
® DVMT 4.0 compliant
Display Interface
1 x VGA
1 x LVDS; 18-bit single channel
AiRD


Podobny numer części - CAPA800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
CAPA800 AXIOMTEK-CAPA800_15 Datasheet
336Kb / 1P
   1 DDR2 SO-DIMM supports up to 2 GB memory capacity
More results

Podobny opis - CAPA800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
SBC86836 AXIOMTEK-SBC86836 Datasheet
247Kb / 1P
   8 USB 2.0 ports
CEM860 AXIOMTEK-CEM860 Datasheet
222Kb / 1P
   8 USB 2.0 ports
CEM830 AXIOMTEK-CEM830 Datasheet
210Kb / 1P
   8 USB 2.0 ports
SBC86832 AXIOMTEK-SBC86832 Datasheet
202Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86831 AXIOMTEK-SBC86831 Datasheet
208Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
NANO100 AXIOMTEK-NANO100 Datasheet
304Kb / 1P
   6 USB 2.0 ports
SBC84826 AXIOMTEK-SBC84826 Datasheet
264Kb / 1P
   4 USB 2.0 ports
PICO831 AXIOMTEK-PICO831 Datasheet
342Kb / 1P
   4 USB 2.0 ports
EP850 AXIOMTEK-EP850 Datasheet
242Kb / 1P
   6 USB 2.0 ports
SHB101 AXIOMTEK-SHB101 Datasheet
134Kb / 1P
   10 USB 2.0 ports
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com