Zakładka z wyszukiwarką danych komponentów |
|
CAPA830VHGGA-N2800 Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd. |
|
CAPA830VHGGA-N2800 Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 1 page 104 * All specifications and photos are subject to change without notice. axiomtek.com SBC Services and Solutions Systems on Modules Embedded SBCs >EPIC Embedded SBCs >3.5" Capa Embedded SBCs >Nano-ITX Embedded SBCs >Pico-ITX Embedded SBCs >PC/104 Industrial Mother- boards Slot CPU Cards Accessories Appendix © 2013 Axiomtek Co., Ltd. All rights reserved. CAPA830 Intel ® Atom™ D2550/ N2600/ N2800 3.5" Embedded SBC with Intel ® NM10 Chipset, LVDS/HDMI/VGA, Dual LANs, Audio and ZIO ● Intel ® Atom™ processor D2550 (1.86 GHz)/ N2800 (1.86 GHz)/ N2600 (1.6 GHz) ● Intel ® NM10 chipset ● 1 DDR3 SO-DIMM supports up to 4 GB memory capacity ● 6 USB 2.0 ports ● 2 COM ports ● ZIO connector I/O Ordering Information Packing List System MIO Refer to ordering information SATA 1 x SATA-300 Hardware Monitoring Detect CPU/system temperature, voltage and fan speed Ethernet 2 ports as 10/100/1000 Mbps support Wake-on-LAN, RPL/PXE Boot ROM with Intel ® 82583V Audio HD Codec audio as MIC-in/Line-in/Line-out with Realtek ALC662 USB 6 x USB 2.0 SMBus System Management Bus for Advanced monitoring/control Digital I/O 8 channels IN/OUT programmable TMP Infineon SLB9635 with TPM 1.2 compliant Standard Quick installation guide, user's manual/utility CD, cable Cable Part Number Description Qty 59382620000E 1 x COM w/ bracket P=2.0mm, L=300mm 1 59384500100E Audio cable w/ bracket P=2,450mm 1 59382631000E 2 x USB 2.0 wafer cable w/ bracket 180mm 1 CPU Intel ® Atom™ processor D2550 1.86 GHz/ N2800 1.86 GHz/ N2600 1.6 GHz dual core onboard System Memory 1 x 204-pin SO-DIMM supports DDR3-800/1066 max. up to 4 GB (N2600 supports DDR3 800 max. up to 2 GB) Chipset Intel ® NM10 BIOS AMI SSD 1 x CFast™ Watchdog Timer 255 levels, 1~255 sec. Expansion Interface 1 x PCI Express Mini Card V1.2 1 x USB, 1 x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO connector Battery Lithium 3V/220mAH Power Input 2 x 2-pin connector +12V DC-in only AT Auto Power ON function supported Power Requirements Intel ® Atom™ N2600 @ 1.6 GHz, 1GB DDR3 Max. RMS: +12V @ 1.077A Intel ® Atom™ N2800 @ 1.86 GHz, 1GB DDR3 Max. RMS: +12V @ 1.156A Intel ® Atom™ D2550 @ 1.86 GHz, 1GB DDR3 Max. RMS: +12V @ 1.44A Size 146 x 104 mm Board Thickness 1.6 mm OperatingTemperature -20°C ~ +70°C (-4°F ~ +158°F), operation Operation Humidity 10% ~ 95% relative humidity, non-condensing Features Rear view Top view CFast ZIO module AX93262 SIM slot PCI Express Mini Card DDR3 SO-DIMM PCI Express Mini Card Ethernet 1/ 2 ZIO connector (1 x PCIe x1, 1 x USB, 1 x LPC, 1 x SMbus ) ZIO module AX93262 Audio SATA USB 5/6 COM 2 COM 1 USB 3/4 USB 1/2 VGA HDMI LVDS Extended Temperature Fanless Low Power Standard Models Fanless PCI Express Mini Card SIM Slot RS-232/ 422/485 RS-232 CAPA830VHGGA-D2550 Heatsink fan 1 N/A 1 1 CAPA830VHGGA-N2800 Yes 1 N/A 1 1 CAPA830VHGGA-N2600 Yes 1 N/A 1 1 CAPA830VHGGA-D2550-ZIO Heatsink fan 2 1 3 3 CAPA830VHGGA-N2800-ZIO Yes 2 1 3 3 CAPA830VHGGA-N2600-ZIO Yes 2 1 3 3 DDR3 DDR3 DDR3 PCIe Mini PCIe Mini PCIe Mini CFastTM Display Chipset Intel ® GMA 3650 graphics core for D2550/ N2800 Intel ® GMA 3600 graphics core for N2600 Memory Size Share system memory Display Interface 1 x VGA 1 x HDMI 1 x LVDS; 18/24-bit single/dual channel AiRD |
Podobny numer części - CAPA830VHGGA-N2800 |
|
Podobny opis - CAPA830VHGGA-N2800 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |