Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB120N4LF6 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STB120N4LF6
Szczegółowy opis  N-channel 40 V, 3.1 m廓, 80 A DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120N4LF6 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STB120N4LF6 Datasheet HTML 1Page - STMicroelectronics STB120N4LF6 Datasheet HTML 2Page - STMicroelectronics STB120N4LF6 Datasheet HTML 3Page - STMicroelectronics STB120N4LF6 Datasheet HTML 4Page - STMicroelectronics STB120N4LF6 Datasheet HTML 5Page - STMicroelectronics STB120N4LF6 Datasheet HTML 6Page - STMicroelectronics STB120N4LF6 Datasheet HTML 7Page - STMicroelectronics STB120N4LF6 Datasheet HTML 8Page - STMicroelectronics STB120N4LF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STB120N4LF6, STD120N4LF6
Electrical ratings
Doc ID 16919 Rev 2
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Limited by wire bonding
Drain current (continuous) at TC = 25 °C
80
A
ID
Drain current (continuous) at TC = 100 °C
80
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25 °C
110
W
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
DPAK
D²PAK
Rthj-case
Thermal resistance junction-case max
1.36
°C/W
Rthj-pcb
Thermal resistance junction-pcb max (1)
1.
When mounted on 1 inch2 2 oz. Cu board.
50
35
°C/W
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAV
Not-repetitive avalanche current
40
A
EAS
(1)
1.
Starting Tj = 25 °C, ID = 40 A, VDD = 25 V
Single pulse avalanche energy
394
mJ


Podobny numer części - STB120N4LF6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
STB120N4LF6 VBSEMI-STB120N4LF6 Datasheet
1Mb / 9P
   N-Channel 40 V (D-S) MOSFET
More results

Podobny opis - STB120N4LF6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
   N-channel 40 V, 3.5 m廓 , 80 A, DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
   N-channel 30 V, 0.0037 廓, 80 A, DPAK STripFET??VI DeepGATE??Power MOSFET
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
   N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
STL75N8LF6 STMICROELECTRONICS-STL75N8LF6 Datasheet
797Kb / 16P
   N-channel 80 V, 5.6 m廓, 18 A, PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
November 2011 Rev 3
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STB155N3LH6 STMICROELECTRONICS-STB155N3LH6 Datasheet
1,013Kb / 18P
   N-channel 30 V, 2.4 m廓 , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com