Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D-NXT-2W Arkusz danych(PDF) 2 Page - Microdc power Technology Co., Ltd

Numer części D-NXT-2W
Szczegółowy opis  2W, FIXED INPUT, ISOLATED & UNREGULATEDTWINOUTPUTULTRAMINIATURESMD PACKAGE DC-DCCONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRODC [Microdc power Technology Co., Ltd]
Strona internetowa  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-NXT-2W Arkusz danych(HTML) 2 Page - Microdc power Technology Co., Ltd

  D-NXT-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-NXT-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-NXT-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd D-NXT-2W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D-
D-
D-
D-
D-
D-
D-
D-N
N
N
N
N
N
N
NXT-
XT-
XT-
XT-
XT-
XT-
XT-
XT-2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Isolation Voltage(Vin/Vout)
Tested for 1 minute and leakage current less
than 1 mA
1000
--
--
VDC
Isolation Voltage(Vo1/Vo2)
1000
--
--
Isolation Resistance(Vin/Vout)
Test at 500VDC
1000
--
--
MΩ
Isolation Resistance(Vo1/Vo2)
1000
--
--
Isolation Capacitance(Vin/Vout)
Input/Output,100KHz/1V
--
60
--
pF
Isolation Capacitance(Vo1/Vo2)
--
60
--
Switching Frequency
Full load, nominal input
--
100
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Epoxy Resin (UL94-V0)
Weight
--
2.1
--
g
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage Humidity
--
--
95
%
Operating Temperature
Power derating (above 85℃)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
EMC
EMC
EMC
EMC
EMC
EMC
EMC
EMC SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASS A
External Circuit Refer to Figure1
EMS
ESD
IEC/EN61000-4-2
Contact
±8KV
perf. Criteria B
EMC
EMC
EMC
EMC
EMC
EMC
EMC
EMC RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
EMI Recommended External Circuit
(LASS A):
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE


Podobny numer części - D-NXT-2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
More results

Podobny opis - D-NXT-2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
WRA-YMT-2W MICRODC-WRA-YMT-2W Datasheet
451Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED SINGLE/DUALOUTPUT DC/DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
   2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
logo
GAPTEC Electronic GmbH ...
2D16A GAPTEC-2D16A Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
WRA-YT-2W MICRODC-WRA-YT-2W Datasheet
393Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com