Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD6C60S Arkusz danych(PDF) 2 Page - Apollo Electron Co., Ltd.

Numer części CD6C60S
Szczegółowy opis  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Strona internetowa  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

CD6C60S Arkusz danych(HTML) 2 Page - Apollo Electron Co., Ltd.

  CD6C60S Datasheet HTML 1Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 2Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 3Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 4Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 5Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics ( Tj = 25 °C unless otherwise noted )
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VAK = VDRM
Tj = 125 °C
100
uA
VTM
Peak On-State Voltage (1)
IT = 4 A
1.4
V
IGT
Gate Trigger Current (2)
VAK =12V(DC), RL=100 Ω
──
200
uA
VGT
Gate Trigger Voltage (2)
VD = 12V(DC), RL=100 Ω
──
1.2
V
VGD
Non-Trigger Gate Voltage (1)
VAK = 12 V, RL=100 Ω
Tj =125 °C
0.1
──
V
dv/dt
Critical Rate of Rise Off-State
Voltage
Linear slope upto V
D = VDRM 67% ,
Gate open
Tj = 125°C
1 0
V/us
IH
Holding Current
VD=24V, IGT=50mA
──
5
mA
2/5
CD6C60S


Podobny numer części - CD6C60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CD6CD010D03 ETC1-CD6CD010D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
CD6CD010DO3 ETC2-CD6CD010DO3 Datasheet
281Kb / 4P
   Reel packaging available
CD6CD020D03 ETC1-CD6CD020D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
CD6CD020DO3 ETC2-CD6CD020DO3 Datasheet
281Kb / 4P
   Reel packaging available
CD6CD030D03 ETC1-CD6CD030D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
More results

Podobny opis - CD6C60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com