Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZF-60S12 Arkusz danych(PDF) 1 Page - Minmax Technology Co., Ltd.

Numer części AZF-60S12
Szczegółowy opis  AC/DC Power Module 60W Fully encapsulated Plastic Case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINMAX [Minmax Technology Co., Ltd.]
Strona internetowa  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S12 Arkusz danych(HTML) 1 Page - Minmax Technology Co., Ltd.

  AZF-60S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZF-60 SERIES
AC/DC Power Module 60W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/02/25 REV:11 Page 1 of 4
FEATURES
Fully encapsulated Plastic Case
3 Mounting Versions:
- PCB Mounting with Solder Pins
- Chassis Mounting with Screw Terminals
- DIN-Rail Mounting
Universal Input 85-264 VAC, 47- 440 Hz
Protection Class ll
Safety Approval to cUL/UL/IEC/EN 60950-1
UL508 Approval (Option)
Over Load and Over Voltage Protection
3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAXAZF-60 series is a new range of fully encapsulatedAC/DC power supply modules. The product features EMI-filter to EN55022, class B and
EMS compliance to EN 61000-4 standard.Universal input voltage 85-264VAC and International safety approvals qualifies these power modules for
applications in products with worldwide markets. For industrial applications, the models for chassis mounting can also be supplied as option with UL508
approval.TheAZF-60 series provide a cost effective solution for many space critical applications in commercial and industrial electronic equipment.
Model Selection Guide
Input Current
Output Current
115VAC, 60Hz
Efficiency
(typ.)
Output
Voltage
Max.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model Number PCB Mounting
(For model with Chassis
Mounting, add suffix C)
VDC
mA
mA(typ.)
mA(typ.)
µF
%
AZF-60S051
5.1
10,000
936
50
8000
79
AZF-60S12
12
5000
1060
50
3900
82
AZF-60S15
15
4000
1047
50
3300
83
AZF-60S24
24
2500
1035
50
1500
84
AZF-60S36
36
1666
1035
50
1000
84
AZF-60S48
48
1250
1035
50
680
84
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
85
---
264
VAC
Input Frequency Range
47
---
63
Hz
Input Voltage Range
All Models
120
---
370
VDC
115VAC
---
---
30
A
Inrush Current (Cold Start at 25℃)
230VAC
---
---
50
A


Podobny numer części - AZF-60S12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minmax Technology Co., ...
AZF-60S12 MINMAX-AZF-60S12 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S12 MINMAX-AZF-60S12 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S12 MINMAX-AZF-60S12 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
More results

Podobny opis - AZF-60S12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AQF-30 MINMAX-AQF-30_12 Datasheet
315Kb / 5P
   AC/DC Power Module 30W Fully encapsulated Plastic Case
AHF-10 MINMAX-AHF-10_11 Datasheet
251Kb / 3P
   AC/DC Power Module 10W Fully encapsulated Plastic Case
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com