Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1003IJ5TP Arkusz danych(PDF) 2 Page - Touchstone Semiconductor Inc

Numer części TS1003IJ5TP
Szczegółowy opis  THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1003IJ5TP Arkusz danych(HTML) 2 Page - Touchstone Semiconductor Inc

  TS1003IJ5TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS1003
Page 2
TS1003DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VDD to VSS) .............................. +6.0V
Voltage Inputs (IN+, IN-) ........... (VSS - 0.3V) to (VDD + 0.3V)
Differential Input Voltage............................................±6.0 V
Input Current (IN+, IN-) ..............................................20 mA
Output Short-Circuit Duration to GND ....................Indefinite
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (Derate 3.87mW/°C above +70°C) ....310 mW
Operating Temperature Range .................... -40°C to +85°C
Junction Temperature .............................................. +150°C
Storage Temperature Range ..................... -65°C to +150°C
Lead Temperature (soldering, 10s)............................. +300°
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
TAPE & REEL
ORDER NUMBER
PART
MARKING
PACKAGE
QUANTITY
TS1003IJ5TP
TAH
---
TS1003IJ5T
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Podobny numer części - TS1003IJ5TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1003IJ5T SILABS-TS1003IJ5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
More results

Podobny opis - TS1003IJ5TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com