Zakładka z wyszukiwarką danych komponentów |
|
TS3006 Arkusz danych(PDF) 3 Page - Touchstone Semiconductor Inc |
|
TS3006 Arkusz danych(HTML) 3 Page - Touchstone Semiconductor Inc |
3 / 9 page TS3006 TS3006DS r1p0 Page 3 RTDFS ELECTRICAL CHARACTERISTICS VDD = 3V, VPWM_CNTRL= VDD, RSET = 4.32MΩ, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 0pF unless otherwise noted. Values are at TA = 25°C unless otherwise noted. See Note 1. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Supply Voltage VDD 1.55 5.25 V Supply Current IDD 1.9 2.4 µA -40°C ≤ T A ≤ 85°C 2.7 FOUT Period tFOUT 39 40.1 41.2 µs -40°C ≤ T A ≤ 85°C 38 42 FOUT Period Line Regulation Δt FOUT/V 1.55 V ≤ V DD ≤ 5.25V 0.17 %/V FOUT Duty cycle 49 51 % FOUT Period Temperature Coefficient Δt FOUT/ΔT 0.02 %/°C UVLO Hysteresis VUVLO (VDD=1.55V) – (VDD_SHUTDOWN VOLTAGE) 150 250 mV FOUT Rise Time tRISE See Note 2, CL = 15pF 10 ns FOUT Fall Time tFALL See Note 2, CL = 15pF 10 ns FOUT Jitter See Note 3 0.001 % RSET Pin Voltage V(RSET) 0.3 V Maximum Oscillator Frequency Fosc RSET= 360K 300 kHz High Level Output Voltage, FOUT VDD - VOH IOH = 1mA 160 mV Low Level Output Voltage, FOUT VOL IOL = 1mA 140 mV Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by characterization for TA = TMIN to TMAX, as specified. Note 2: Output rise and fall times are measured between the 10% and 90% of the VDD power-supply voltage levels. The specification is based on lab bench characterization and is not tested in production. Note 3: Timing jitter is the ratio of the peak-to-peak variation of the period to the mean of the period. The specification is based on lab bench characterization and is not tested in production. |
Podobny numer części - TS3006 |
|
Podobny opis - TS3006 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |