Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9467BCPZRL7-250 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9467BCPZRL7-250
Szczegółowy opis  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9467BCPZRL7-250 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9467BCPZRL7-250 Datasheet HTML 7Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 8Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 9Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 10Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 11Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 12Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 13Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 14Page - Analog Devices AD9467BCPZRL7-250 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9467
Rev. D | Page 11 of 32
EQUIVALENT CIRCUITS
VIN+
AVDD2
BUF
VIN–
AVDD2
BUF
265Ω
265Ω
BUF
AVDD2
VCML
2.15V/2.30V
Figure 4. Equivalent Analog Input Circuit
0.8V
10kΩ
10kΩ
10kΩ
10kΩ
CLK+
CLK–
AVDD1
Figure 5. Equivalent Clock Input Circuit
DRVDD
DRGND
Dx–
Dx+
V
V
V
V
Figure 6. Equivalent Digital Output Circuit
SCLK, SDIO
AND CSB
30kΩ
345Ω
Figure 7. Equivalent SCLK, SDIO, and CSB Input Circuit
SPIVDD
SDIO
Figure 8. Equivalent SDIO Output Circuit
1kΩ
3pF
XVREF
Figure 9. Equivalent External VREF Input Circuit (When Enabled)


Podobny numer części - AD9467BCPZRL7-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9467BCPZRL7-250 AD-AD9467BCPZRL7-250 Datasheet
985Kb / 34P
   Analog-to-Digital Converter
More results

Podobny opis - AD9467BCPZRL7-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com