Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SZR05A0A Arkusz danych(PDF) 6 Page - Seoul Semiconductor

Numer części SZR05A0A
Szczegółowy opis  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEOUL [Seoul Semiconductor]
Strona internetowa  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZR05A0A Arkusz danych(HTML) 6 Page - Seoul Semiconductor

Back Button SZR05A0A Datasheet HTML 2Page - Seoul Semiconductor SZR05A0A Datasheet HTML 3Page - Seoul Semiconductor SZR05A0A Datasheet HTML 4Page - Seoul Semiconductor SZR05A0A Datasheet HTML 5Page - Seoul Semiconductor SZR05A0A Datasheet HTML 6Page - Seoul Semiconductor SZR05A0A Datasheet HTML 7Page - Seoul Semiconductor SZR05A0A Datasheet HTML 8Page - Seoul Semiconductor SZR05A0A Datasheet HTML 9Page - Seoul Semiconductor SZR05A0A Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
6
3. Characteristics of SZR05A0A (Red)
V
5
V
r
Reverse Voltage
(Ta=25
℃, RH30%)
Unit
Value
Symbol
Parameter
mA
700
I
F
Forward Current
W
2.3
P
d
Power Dissipation
ºC
125(@ I
F ≤ 700mA)
T
j
Junction Temperature
ºC
-40 ~ +100
T
opr
Operating Temperature
ºC
-40 ~ +100
T
stg
Storage Temperature
kV
2
-
ESD Sensitivity(HBM) [6]
deg.
123
2
Θ ½
View Angle
K /W
7.0
R
θ
J-S
Thermal resistance (J to S)
V
3.0
2.4
-
VF
Forward Voltage [4]
1-2 Absolute Maximum Ratings
1-1 Electro-Optical characteristics at 350mA
Red
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [1]
Ф
V
[2]
41.5
55
60
lm
Ф
V (Tj=100℃)
-
26
-
Dominant Wavelength[3]
λ
D
618
625
632
nm
6
*Notes :
[1] SSC maintains a tolerance of ±7% on flux and power measurements.
[2]
Ф
V is the total luminous flux output as measured with an integrating sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate : ±0.005, CCT ±5% tolerance.
[4] Tolerance is ±0.06V on forward voltage measurements
[5] A zener diode is included to protect the product from ESD.
[6] Tolerance is ±2.0 on CRI measurements


Podobny numer części - SZR05A0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JST Mfg. Co., Ltd.
SZRO-A021T-M0.64 JST-SZRO-A021T-M0.64 Datasheet
340Kb / 3P
   Board-to-wire
SZRO-A021T-M0.64 JST-SZRO-A021T-M0.64 Datasheet
426Kb / 6P
   Wire-to-wire Panek Mount connector
SZRO-A031T-M0.64 JST-SZRO-A031T-M0.64 Datasheet
340Kb / 3P
   Board-to-wire
SZRO-A031T-M0.64 JST-SZRO-A031T-M0.64 Datasheet
426Kb / 6P
   Wire-to-wire Panek Mount connector
More results

Podobny opis - SZR05A0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SZG05A0A SEOUL-SZG05A0A Datasheet
810Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZB05A0A SEOUL-SZB05A0A Datasheet
806Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZM04A0A SEOUL-SZM04A0A Datasheet
340Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZFP6F0A SEOUL-SZFP6F0A Datasheet
453Kb / 23P
   Z Power LED - Super high Flux output and high Luminance
SZA05A0A SEOUL-SZA05A0A Datasheet
793Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZ5-P SEOUL-SZ5-P Datasheet
846Kb / 22P
   Z Power LED - Super high Flux output and high Luminance
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com