Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T8531A Arkusz danych(PDF) 35 Page - Agere Systems

Numer części T8531A
Szczegółowy opis  T8531A/8532 Multichannel Programmable Codec Chip Set
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AGERE [Agere Systems]
Strona internetowa  
Logo AGERE - Agere Systems

T8531A Arkusz danych(HTML) 35 Page - Agere Systems

Back Button T8531A Datasheet HTML 31Page - Agere Systems T8531A Datasheet HTML 32Page - Agere Systems T8531A Datasheet HTML 33Page - Agere Systems T8531A Datasheet HTML 34Page - Agere Systems T8531A Datasheet HTML 35Page - Agere Systems T8531A Datasheet HTML 36Page - Agere Systems T8531A Datasheet HTML 37Page - Agere Systems T8531A Datasheet HTML 38Page - Agere Systems T8531A Datasheet HTML 39Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Agere Systems Inc.
35
Preliminary Data Sheet
September 2001
Codec Chip Set
T8531A/T8532 Multichannel Programmable
Software Interface (continued)
Table 19. T8531A Time-Slot Assignment Memory Map
All registers can be written by the microprocessor interface.
Table 20A. Bit Map for T8531A Time-Slot Assignment Registers at 0x1400—0x140F
Table 20B. Bit Map for CTZ Disable and Null Channel
Notes:
X = Don’t care.
Bits 4 and 5 default to 1 upon reset.
Address Range
Memory Contents
0x1400
Time slot 0 channel assignment
0x1401
Time slot 1 channel assignment
0x1402
Time slot 2 channel assignment
0x1403
Time slot 3 channel assignment
0x1404
Time slot 4 channel assignment
0x1405
Time slot 5 channel assignment
0x1406
Time slot 6 channel assignment
0x1407
Time slot 7 channel assignment
0x1408
Time slot 8 channel assignment
0x1409
Time slot 9 channel assignment
0x140A
Time slot 10 channel assignment
0x140B
Time slot 11 channel assignment
0x140C
Time slot 12 channel assignment
0x140D
Time slot 13 channel assignment
0x140E
Time slot 14 channel assignment
0x140F
Time slot 15 channel assignment
Bit Number and Function
15—6
54321
0
Not used
CTZ disable
Null channel
Binary-coded channel number 0—15
Bit 5
Bit 4
Function
X
0
Disables null pointer
X
1
Nulls channel
0
X
Enables CTZ
1
X
Disables CTZ


Podobny numer części - T8531A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
More results

Podobny opis - T8531A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
logo
Wolfson Microelectronic...
WM8580_07 WOLFSON-WM8580_07_12 Datasheet
1Mb / 97P
   Multichannel CODEC with S/PDIF Transceiver
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
logo
Wolfson Microelectronic...
WM8580 WOLFSON-WM8580 Datasheet
968Kb / 92P
   Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581 Datasheet
1Mb / 94P
   Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580_08 Datasheet
1Mb / 103P
   Multichannel CODEC with S/PDIF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com