Zakładka z wyszukiwarką danych komponentów |
|
TIP32CG Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
TIP32CG Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2005 September, 2005 − Rev. 10 1 Publication Order Number: TIP31A/D TIP31, TIP31A, TIP31B, TIP31C, (NPN), TIP32, TIP32A, TIP32B, TIP32C, (PNP) Complementary Silicon Plastic Power Transistors Designed for use in general purpose amplifier and switching applications. Features • Collector−Emitter Saturation Voltage − VCE(sat) = 1.2 Vdc (Max) @ IC = 3.0 Adc • Collector−Emitter Sustaining Voltage − VCEO(sus) = 40 Vdc (Min) − TIP31, TIP32 = 60 Vdc (Min) − TIP31A, TIP32A = 80 Vdc (Min) − TIP31B, TIP32B = 100 Vdc (Min) − TIP31C, TIP32C • High Current Gain − Bandwidth Product fT = 3.0 MHz (Min) @ IC = 500 mAdc • Compact TO−220 AB Package • Pb−Free Packages are Available* MAXIMUM RATINGS Rating Symbol Value Unit Collector − Emitter Voltage TIP31, TIP32 TIP31A, TIP32A TIP31B, TIP32B TIP31C, TIP32C VCEO 40 60 80 100 Vdc Collector−Base Voltage TIP31, TIP32 TIP31A, TIP32A TIP31B, TIP32B TIP31C, TIP32C VCB 40 60 80 100 Vdc Emitter−Base Voltage VEB 5.0 Vdc Collector Current Continuous Peak IC 3.0 5.0 Adc Base Current IB 1.0 Adc Total Power Dissipation @ TC = 25_C Derate above 25 _C PD 40 0.32 W W/ _C Total Power Dissipation @ TA = 25_C Derate above 25 _C PD 2.0 0.016 W W/ _C Unclamped Inductive Load Energy (Note 1) E 32 mJ Operating and Storage Junction Temperature Range TJ, Tstg – 65 to + 150 _C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. IC = 1.8 A, L = 20 mH, P.R.F. = 10 Hz, VCC = 10 V, RBE = 100 W *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. TO−220AB CASE 221A STYLE 1 MARKING DIAGRAM 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40−60−80−100 VOLTS, 40 WATTS http://onsemi.com 1 2 3 4 TIP3xx = Device Code xx = 1, 1A, 1B, 1C, 2, 2A, 2B, 2C, A = Assembly Location Y = Year WW = Work Week G Pb−Free Package TIP3xxG AYWW See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION |
Podobny numer części - TIP32CG |
|
Podobny opis - TIP32CG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |