Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7265A Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części TDA7265A
Szczegółowy opis  25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265A Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button TDA7265A Datasheet HTML 3Page - STMicroelectronics TDA7265A Datasheet HTML 4Page - STMicroelectronics TDA7265A Datasheet HTML 5Page - STMicroelectronics TDA7265A Datasheet HTML 6Page - STMicroelectronics TDA7265A Datasheet HTML 7Page - STMicroelectronics TDA7265A Datasheet HTML 8Page - STMicroelectronics TDA7265A Datasheet HTML 9Page - STMicroelectronics TDA7265A Datasheet HTML 10Page - STMicroelectronics TDA7265A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Multiwatt11 V
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.45
1.7
1.95
0.057
0.067
0.077
G1
16.75
17
17.25
0.659
0.669
0.679
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.87
0.886
L2
17.4
18.1
0.685
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.73
5.08
5.43
0.186
0.200
0.214
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
OUTLINE AND
MECHANICAL DATA
TDA7265
10/11


Podobny numer części - TDA7265A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
   30 W 30 W stereo amplifier with mute and standby
logo
Unisonic Technologies
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
More results

Podobny opis - TDA7265A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
   2525W STEREO AMPLIFIER WITH MUTE/ST-BY
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
   25W MONO AMPLIFIER WITH MUTE/ST-BY
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
   25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
   1414W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
   10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
107Kb / 7P
   10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
   6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com