Zakładka z wyszukiwarką danych komponentów |
|
7447789002 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
7447789002 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 3 page Bezeichnung : description : I Rollenspezifikation / tape and reel specification : A 10,0 ± 0,1 mm B 16,0 ± 0,2 mm + 0,1 - 0,0 D 4,00 ± 0,1 mm E 2,00 ± 0,1 mm F 1,75 ± 0,1 mm G 10,0 ± 0,1 mm H 5,0 ± 0,1 mm a 330,0 ± 2,0 mm b 21,0 ± 0,8 mm c 13,0 ± 0,5 mm d 100,0 ± 1,0 mm SSt 06-01-10 MST 04-10-11 SST 04-07-28 SST 04-04-21 SST 04-04-08 Name Datum / date D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 http://www.we-online.de SPEICHERDROSSEL WE-PD POWER-CHOKE WE-PD DATUM / DATE : 2006-01-10 Würth Elektronik Geprüft / checked Kontrolliert / approved Würth Elektronik eiSos GmbH & Co. KG Würth Elektronik eiSos GmbH & Co. KG Würth Elektronik eiSos GmbH & Co. KG Würth Elektronik eiSos GmbH & Co. KG ................................................... ............................................. Änderung / modification Version 1 Version 2 Freigabe erteilt / general release: Kunde / customer Datum / date Unterschrift / signature .................................................................................. .................................................................................. mm Kunde / customer : Artikelnummer / part number : 7447789002 Spezifikation für Freigabe / specification for release Rollenspezifikation / Reel specification: Version 3 Version 4 Version 5 1,50 C Gurtspezifikation / Tape specification: H G Ø c a d b A B F E D øC The force for tearing off cover tape is 10 to 130 grams in arrow direction 165 to 180° feeding direction This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. Marking Marking LF SEITE 3 VON 3 |
Podobny numer części - 7447789002 |
|
Podobny opis - 7447789002 |