Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7448225007 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7448225007
Szczegółowy opis  COMMON MODE CHOKE WE-CMB HC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448225007 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448225007 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448225007 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
S
A
18,5 max
mm
B
14,5 max
mm
C
7,7 ± 0,5
mm
D
5,0 ± 0,5
mm
E
22,0 max.
mm
F
3,5 ± 0,5
mm
ø
1,0 typ.
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Nennspannung /
rated voltage
33%
+20°C
1500 V, 50 Hz
5mA, 2 sec.
BKo
Version 1
09-01-30
Name
Änderung / modification
Datum / date
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
Abstandhalter / spacer:
UL94V-0
Würth Elektronik
..................................................................................
G Eigenschaften / general specifications:
Sockel / base:
Draht / wire:
UL94V-0
F Werkstoffe & Zulassungen / material & approvals:
UL94V-2
Prüfspannung / testing voltage
HP 34401 A für/for IN
Umgebungstemperatur / temperature:
LO
700
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
@ 20 °C
@ 70 °C
V
mΩ
max.
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
.............................................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-01-20
±10%
A
Testbedingungen / test
conditions
5,00
max.
13,0
±30%
C Schaltbild / schematic:
Kleber / glue:
Class F
Betriebstemp. / operating temperature:
-40°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
7448225007
Klimabeständigkeit/ climatic class:
40/125/21
B Elektrische Eigenschaften / electrical properties:
250
50 Hz
µH
RDC
A Mechanische Abmessungen / dimensions:
100 kHz / 0,1 mA / 20°C
Kunde / customer :
STROMKOMP. DROSSEL WE-CMB HC
COMMON MODE CHOKE WE-CMB HC
Artikelnummer / part number :
WAYNE KERR WK3260B/WK3265 für/for L0 und/and RDC
UN
IN
Luftfeuchtigkeit / humidity:
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
1
2
N1
3
4
N2
A
C
ø
D
4
1
2
3
SEITE 1 VON 2


Podobny numer części - 7448225007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74482210002 WURTH-74482210002 Datasheet
131Kb / 2P
   COMMON MODE CHOKE WE-CMB HC
744822110 WURTH-744822110 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822120 WURTH-744822120 Datasheet
137Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822222 WURTH-744822222 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822233 WURTH-744822233 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
More results

Podobny opis - 7448225007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7448229004 WURTH-7448229004 Datasheet
131Kb / 2P
   COMMON MODE CHOKE WE-CMB HC
74482210002 WURTH-74482210002 Datasheet
131Kb / 2P
   COMMON MODE CHOKE WE-CMB HC
7448227005 WURTH-7448227005 Datasheet
131Kb / 2P
   COMMON MODE CHOKE WE-CMB HC
7448226404 WURTH-7448226404 Datasheet
955Kb / 6P
   WE-CMB HC Common Mode Power Line Choke
001.001
7448228002 WURTH-7448228002 Datasheet
1Mb / 6P
   WE-CMB HC Common Mode Power Line Choke
001.001
7448256033 WURTH-7448256033 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823422 WURTH-744823422 Datasheet
59Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823305 WURTH-744823305 Datasheet
182Kb / 1P
   COMMON MODE CHOKE WE-CMB
744821201 WURTH-744821201 Datasheet
132Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823210 WURTH-744823210 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com