Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3703 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 2N3703
Szczegółowy opis  PNP General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3703 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  2N3703 Datasheet HTML 1Page - Fairchild Semiconductor 2N3703 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 10 mA, IB = 0
30
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100
µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 20 V, IE = 0
100
nA
IEBO
Emitter Cutoff Current
VEB = 3.0 V, IC = 0
100
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 5.0 V, IC = 50 mA
30
150
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 50 mA, IB = 5.0 mA
0.25
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0 V, IC = 50 mA
0.6
1.0
V
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 1.0 MHz
12
pF
fT
Current Gain - Bandwidth Product
IC = 50 mA, VCE = 5.0 V,
f = 20 MHz
100
MHz
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Podobny numer części - 2N3703

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Electronics
2N3703 MICRO-ELECTRONICS-2N3703 Datasheet
311Kb / 4P
   PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
Central Semiconductor C...
2N3703 CENTRAL-2N3703 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
2N3703 FAIRCHILD-2N3703 Datasheet
57Kb / 3P
   PNP General Purpose Amplifier
logo
New Jersey Semi-Conduct...
2N3703 NJSEMI-2N3703 Datasheet
139Kb / 1P
   PNP SILICON TRANSISTORS
logo
Continental Device Indi...
2N3703 CDIL-2N3703 Datasheet
249Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Podobny opis - 2N3703

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com