Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5535B Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5535B
Szczegółowy opis  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5535B Arkusz danych(HTML) 4 Page - Analog Devices

  AD5535B Datasheet HTML 1Page - Analog Devices AD5535B Datasheet HTML 2Page - Analog Devices AD5535B Datasheet HTML 3Page - Analog Devices AD5535B Datasheet HTML 4Page - Analog Devices AD5535B Datasheet HTML 5Page - Analog Devices AD5535B Datasheet HTML 6Page - Analog Devices AD5535B Datasheet HTML 7Page - Analog Devices AD5535B Datasheet HTML 8Page - Analog Devices AD5535B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5535B
Data Sheet
Rev. A | Page 4 of 16
Parameter1
K Grade2
Unit
Test Conditions/Comments
Min
Typ
Max
TEMPERATURE MEASUREMENT DIODE4
Peak Inverse Voltage, PIV
5
V
Cathode to anode
Forward Diode Drop, VF
0.65
0.8
V
IF = 100 µA, anode to cathode
Forward Diode Current, IF
100
µA
Anode to cathode
VF Temperature Coefficient, TC
−2.20
mV/°C
Anode to cathode
DIGITAL INPUTS4
Input Current
±5
±10
µA
Input Low Voltage
0.8
V
Input High Voltage
2.0
V
Input Hysteresis (SCLK and SYNC Only)
200
mV
Input Capacitance
10
pF
POWER SUPPLY VOLTAGES
VPP
(50 ×
REF_IN) + 1
225
V
V+
4.75
5.25
V
AVCC
4.75
5.25
V
DVCC
2.7
5.25
V
POWER SUPPLY CURRENTS7
IPP
All Channels at Full-Scale
50
60
µA/channel
All Channels at Zero-Scale
25
35
µA/channel
I+
1.2
1.7
mA
AICC
17.5
20
mA
DICC
0.25
0.6
mA
1
See the Terminology section.
2
K Grade temperature range: −10°C to +85°C; typical = +25°C.
3
Linear output voltage range: 7 V to VPP − 1 V.
4
Guaranteed by design and characterization, not production tested.
5
Ensure that TJ max is not exceeded. See the Absolute Maximum Ratings section.
6
Reference input determines output voltage range. Using a 4.096 V reference (REF198) gives an output voltage range of 2.50 V to 200 V. The output range is
programmable via the reference input. The full-scale output range is programmable from 50 V to 200 V. The linear output voltage range is restricted from 7
V to VPP
− 1 V.
7
Outputs unloaded.


Podobny numer części - AD5535B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5535 AD-AD5535 Datasheet
396Kb / 16P
   32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. PrE
AD5535ABC AD-AD5535ABC Datasheet
396Kb / 16P
   32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. PrE
More results

Podobny opis - AD5535B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5535 AD-AD5535 Datasheet
396Kb / 16P
   32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. PrE
AD45335 AD-AD45335_V01 Datasheet
953Kb / 16P
   32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
AD45335 AD-AD45335 Datasheet
961Kb / 17P
   32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com