Zakładka z wyszukiwarką danych komponentów |
|
ADP2380-EVALZ Arkusz danych(PDF) 7 Page - Analog Devices |
|
ADP2380-EVALZ Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 28 page Data Sheet ADP2380 Rev. 0 | Page 7 of 28 TYPICAL PERFORMANCE CHARACTERISTICS TA = 25oC, VIN = 12 V, VOUT = 3.3 V, L = 4.7 µH, COUT = 2 × 100 µF, fSW = 500 kHz, unless otherwise noted. 100 50 55 60 65 70 75 80 85 90 95 0 4.0 OUTPUT CURRENT (A) VOUT = 1.2V VOUT = 1.8V VOUT = 2.5V VOUT = 3.3V VOUT = 5V INDUCTOR: FDVE1040-3R3M MOSFET: FDS6298 1.0 2.0 3.5 2.5 1.5 0.5 3.0 Figure 4. Efficiency at VIN = 12 V, fSW = 500 kHz 4.0 1.0 2.0 3.5 2.5 1.5 0.5 3.0 100 50 55 60 65 70 75 80 85 90 95 0 OUTPUT CURRENT (A) VOUT = 1.8V VOUT = 2.5V VOUT = 3.3V VOUT = 5V INDUCTOR: FDVE1040-4R7M MOSFET: FDS6298 Figure 5. Efficiency at VIN = 18 V, fSW = 500 kHz 90 100 110 120 130 140 150 160 4 6 8 10 12 14 16 18 20 INPUT VOLTAGE (V) TJ = –40°C TJ = +25°C TJ = +125°C Figure 6. Shutdown Current vs. VIN 4.0 1.0 2.0 3.5 2.5 1.5 0.5 3.0 100 50 55 60 65 70 75 80 85 90 95 0 OUTPUT CURRENT (A) VOUT = 1.2V VOUT = 1.8V VOUT = 2.5V VOUT = 3.3V VOUT = 5V INDUCTOR: FDVE1040-6R8M MOSFET: FDS6298 Figure 7. Efficiency at VIN = 12 V, fSW = 250 kHz 4.0 1.0 2.0 3.5 2.5 1.5 0.5 3.0 100 50 55 60 65 70 75 80 85 90 95 0 OUTPUT CURRENT (A) VOUT = 1.0V VOUT = 1.2V VOUT = 1.5V VOUT = 1.8V VOUT = 2.5V VOUT = 3.3V INDUCTOR: FDVE1040-1R5M MOSFET: FDS6298 Figure 8. Efficiency at VIN = 5 V, fSW = 500 kHz 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 4 6 8 10 12 14 16 18 20 INPUT VOLTAGE (V) TJ = –40°C TJ = +25°C TJ = +125°C Figure 9. Quiescent Current vs. VIN |
Podobny numer części - ADP2380-EVALZ |
|
Podobny opis - ADP2380-EVALZ |