Zakładka z wyszukiwarką danych komponentów |
|
ADUM4190 Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADUM4190 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 9 page ADuM4190 Preliminary Technical Data Rev. PrA| Page 6 of 9 INSULATION AND SAFETY-RELATED SPECIFICATIONS Table 4 ADuM4190. Parameter Symbol Value Unit Conditions Rated Dielectric Insulation Voltage 5000 V rms 1 minute duration Minimum External Air Gap (Clearance) L(I01) 8.0 min mm Measured from input terminals to output terminals, shortest distance through air Minimum External Tracking (Creepage) L(I02) 7.6 min mm Measured from input terminals to output terminals, shortest distance path along body Minimum Internal Gap (Internal Clearance) 0.017 min mm Insulation distance through insulation Tracking Resistance (Comparative Tracking Index) CTI >175 V DIN IEC 112/VDE 0303 Part 1 Isolation Group IIIa Material Group (DIN VDE 0110, 1/89, Table 1) Table 5. Maximum Continuous Working Voltage1 Parameter Max Unit Constraint AC Voltage, Bipolar Waveform 560 V peak 50-year minimum lifetime AC Voltage, Unipolar Waveform 1131 V peak 50-year minimum lifetime DC Voltage 1131 V peak 50-year minimum lifetime 1 Refers to continuous voltage magnitude imposed across the isolation barrier. See the Applications section for more details. RECOMMENDED OPERATING CONDITIONS Table 6. Parameter Symbol Min Max Unit Operating Temperature ADuM4190A/ADuM4190B ADuM4190S/ADuM4190T TA −40 −40 +85 +125 °C °C Supply Voltages1 VDD1, VDD2 3.0 20 V Input Signal Rise and Fall Times 1.0 ms |
Podobny numer części - ADUM4190 |
|
Podobny opis - ADUM4190 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |