Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM6210 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADUM6210
Szczegółowy opis  Dual-Channel Isolators with Integrated DC-to-DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM6210 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADUM6210 Datasheet HTML 7Page - Analog Devices ADUM6210 Datasheet HTML 8Page - Analog Devices ADUM6210 Datasheet HTML 9Page - Analog Devices ADUM6210 Datasheet HTML 10Page - Analog Devices ADUM6210 Datasheet HTML 11Page - Analog Devices ADUM6210 Datasheet HTML 12Page - Analog Devices ADUM6210 Datasheet HTML 13Page - Analog Devices ADUM6210 Datasheet HTML 14Page - Analog Devices ADUM6210 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADuM6210/ADuM6211/ADuM6212
Rev. 0 | Page 11 of 24
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 19.
Parameter
Rating
Storage Temperature Range (TST)
−55°C to +150°C
Ambient Operating
Temperature Range (TA)
−40°C to +105°C
Supply Voltages (VDDP, VDD1, VDD2, VISO)1
−0.5 V to +7.0 V
VISO Supply Current2
TA = −40°C to +105°C
30 mA
Input Voltage (VIA, VIB, PDIS, VSEL)1, 3
−0.5 V to VDDI + 0.5 V
OutputVoltage (VOA,VOB )1,3
−0.5 V to VDDO + 0.5 V
Average Output Current Per Data
Output Pin4
−10 mA to +10 mA
Common-Mode Transients5
−100 kV/µs to +100 kV/µs
1 All voltages are relative to their respective ground.
2 The VISO provides current for dc and dynamic loads on the VISO I/O
channels. This current must be included when determining the total
VISO supply current. For ambient temperatures between 85°C and 105°C,
maximum allowed current is reduced.
3 VDDI and VDDO refer to the supply voltages on the input and output sides
of a given channel, respectively. See the PCB Layout section.
4 See Figure 2 for the maximum rated current values for various
temperatures.
5 Refers to common-mode transients across the insulation barrier.
Common-mode transients exceeding the absolute maximum ratings may
cause latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 20. Maximum Continuous Working Voltage
Supporting 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable
Certification
AC Voltage
Bipolar Waveform
560
V peak
All certifications,
50-year operation
Unipolar Waveform
560
V peak
DC Voltage
|DC Peak Voltage|
560
V peak
1 Refers to the continuous voltage magnitude imposed across the
isolation barrier. See the Insulation Lifetime section for more
information.
ESD CAUTION


Podobny numer części - ADUM6210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210ARSZ AD-ADUM6210ARSZ Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210ARSZ-RL7 AD-ADUM6210ARSZ-RL7 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210BRSZ AD-ADUM6210BRSZ Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
More results

Podobny opis - ADUM6210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com