Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM4472 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADuM4472
Szczegółowy opis  Isolated Switching Regulator with Quad-Channel Isolators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM4472 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADuM4472 Datasheet HTML 6Page - Analog Devices ADuM4472 Datasheet HTML 7Page - Analog Devices ADuM4472 Datasheet HTML 8Page - Analog Devices ADuM4472 Datasheet HTML 9Page - Analog Devices ADuM4472 Datasheet HTML 10Page - Analog Devices ADuM4472 Datasheet HTML 11Page - Analog Devices ADuM4472 Datasheet HTML 12Page - Analog Devices ADuM4472 Datasheet HTML 13Page - Analog Devices ADuM4472 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474
Data Sheet
Rev. 0 | Page 10 of 36
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/15 V SECONDARY ISOLATED SUPPLY
4.5 V ≤ VDD1 = VDDA ≤ 5.5 V; VREG = VISO = 15 V; VDD2 = 5.0 V; fSW = 500 kHz; all voltages are relative to their respective grounds; see the
application schematic in Figure 49. All minimum/maximum specifications apply over the entire recommended operating range, unless
otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDDA = 5.0 V, VREG = VISO = 15 V, VDD2 = 5.0 V.
Table 4. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Isolated Output Voltage
VISO
13.8
15
16.2
V
IISO = 0 mA,
VISO = VFB × (R1 + R2)/R2
Feedback Voltage Setpoint
VFB
1.15
1.25
1.37
V
IISO = 0 mA
VDD2 Linear Regulator
Regulator Voltage
4.5
5.0
5.5
V
VREG = 7 V to 15 V,
IDD2 = 0 mA to 50 mA
Dropout Voltage
0.5
1.5
IDD2 = 50 mA
Line Regulation
VISO(LINE)
1
20
mV/V
IISO = 50 mA,
VDD11 = VDDA2 = 4.5 V to 5.5 V
Load Regulation
VISO(LOAD)
1
3
%
IISO = 20 mA to 80 mA
Output Ripple
VISO(RIP)
200
mV p-p
20 MHz bandwidth,
COUT = 0.1 µF||47 µF, IISO = 100 mA
Output Noise
VISO(NOISE)
500
mV p-p
20 MHz bandwidth,
COUT = 0.1 µF||47 µF, IISO = 100 mA
Switching Frequency
fSW
1000
kHz
ROC = 50 kΩ
200
kHz
ROC = 270 kΩ
192
318
515
kHz
VOC = VDD2 (open-loop)
Switch On-Resistance
RON
0.5
Ω
Undervoltage Lockout, VDDA, VDD2 Supplies
Positive Going Threshold
VUV+
2.8
V
Negative Going Threshold
VUV−
2.6
V
Hysteresis
VUVH
0.2
V
DC to 2 Mbps Data Rate3
Maximum Output Supply Current4
IISO (MAX)
100
mA
f
1 MHz, VISO = 5.0 V
Efficiency at Maximum Output Current5
78
%
IISO = IISO(MAX), f 1 MHz
iCoupler DATA CHANNELS
DC to 2 Mbps Data Rate
IDD1 Supply Current, No VISO Load
IDD1(Q)
IISO = 0 mA, f 1 MHz
ADuM4470
25
45
mA
ADuM4471
27
45
mA
ADuM4472
29
45
mA
ADuM4473
31
45
mA
ADuM4474
33
45
mA
25 Mbps Data Rate (CRIZ Grade Only)
IDD1 Supply Current, No VISO Load
IDD1(D)
ADuM4470
73
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM4471
83
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM4472
93
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM4473
102
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM4474
112
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
Available VISO Supply Current6
IISO (LOAD)
fSW = 500 kHz
ADuM4470
91
mA
CL = 15 pF, f = 12.5 MHz
ADuM4471
89
mA
CL = 15 pF, f = 12.5 MHz
ADuM4472
86
mA
CL = 15 pF, f = 12.5 MHz
ADuM4473
83
mA
CL = 15 pF, f = 12.5 MHz
ADuM4474
80
mA
CL = 15 pF, f = 12.5 MHz
IDD1 Supply Current, Full VISO Load
425
mA
CL = 0 pF, f = 0 MHz, VDD1 = VDDA =
5 V, IISO = 400 mA


Podobny numer części - ADuM4472

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM4472 AD-ADUM4472 Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472ARIZ AD-ADUM4472ARIZ Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472ARIZ-RL AD-ADUM4472ARIZ-RL Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472CRIZ AD-ADUM4472CRIZ Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472CRIZ-RL AD-ADUM4472CRIZ-RL Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
More results

Podobny opis - ADuM4472

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM4470 AD-ADUM4470_V01 Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com