Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM5210CRSZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADuM5210CRSZ
Szczegółowy opis  Dual-Channel Isolators with Integrated DC-to-DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM5210CRSZ Arkusz danych(HTML) 5 Page - Analog Devices

  ADuM5210CRSZ Datasheet HTML 1Page - Analog Devices ADuM5210CRSZ Datasheet HTML 2Page - Analog Devices ADuM5210CRSZ Datasheet HTML 3Page - Analog Devices ADuM5210CRSZ Datasheet HTML 4Page - Analog Devices ADuM5210CRSZ Datasheet HTML 5Page - Analog Devices ADuM5210CRSZ Datasheet HTML 6Page - Analog Devices ADuM5210CRSZ Datasheet HTML 7Page - Analog Devices ADuM5210CRSZ Datasheet HTML 8Page - Analog Devices ADuM5210CRSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADuM5210/ADuM5211/ADuM5212
Rev. 0 | Page 5 of 24
ELECTRICAL CHARACTERISTICS—3.3 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDD1 =VDD2 = VDDP = 3.3 V, VSEL resistor network: R1 = 10 kΩ, R2 = 16.9 kΩ between VISO and
GNDISO. Minimum/maximum specifications apply over the entire recommended operation range, which is 3.0 V ≤ VDD1, VDD2, VDDP
3.6 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications are tested with CL = 15 pF and CMOS signal levels,
unless otherwise noted.
The digital isolator channels and the power section work independently, and under the operating voltages in this section, there may not
be sufficient current from the VISO to run both data channels at the maximum data rate. Verify that the application is within the power
capability of VISO if that supply is providing power to VDD2.
Table 6. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
3.3
V
IISO = 10 mA, R1 = 10 kΩ, R2 = 16.9 kΩ
Thermal Coefficient
VISO (TC)
−26
μV/°C
IISO = 20 mA
Line Regulation
VISO (LINE)
20
mV/V
IISO = 10 mA, VDDP = 3.0 V to 3.6 V
Load Regulation
VISO (LOAD)
1.3
3
%
IISO = 2 mA to 18 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 µF||10 µF, IISO = 18 mA
Output Noise
VISO (NOISE)
130
mV p-p
CBO = 0.1 µF||10 µF, IISO = 18 mA
Switching Frequency
fOSC
125
MHz
Pulse-Width Modulation Frequency
fPWM
600
kHz
Output Supply
IISO (MAX)
20
mA
3.6 V > VISO > 3 V
Efficiency at IISO (MAX)
27
%
IISO = 18 mA
IDDP, No VISO Load
IDDP (Q)
3.3
10.5
mA
IDDP, Full VISO Load
IDDP (MAX)
77
mA
Thermal Shutdown
Shutdown Temperature
154
°C
Thermal Hysteresis
10
°C
Table 7. Data Channel Supply Current
Parameter
Symbol
1 Mbps—A, B, C Grades
25 Mbps—B, C Grades
100 Mbps—C Grade
Unit
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM5210
IDD1
0.75
1.4
5.1
9.0
17
23
mA
CL = 0 pF
IDD2
2.0
3.5
2.7
4.6
4.8
9
mA
CL = 0 pF
ADuM5211
IDD1
1.6
2.1
3.8
5.0
11
15
mA
CL = 0 pF
IDD2
1.7
2.3
3.9
6.2
11
15
mA
CL = 0 pF
ADuM5212
IDD1
2.0
3.5
2.7
4.6
4.8
9
mA
CL = 0 pF
IDD2
0.75
1.4
5.1
9.0
17
23
mA
CL = 0 pF
Table 8. Switching Specifications
Parameter
Symbol
A Grade
B Grade
C Grade
Unit
Test Conditions/Comments
Min Typ Max Min
Typ Max Min Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
25
100
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
50
35
20
25
33
ns
50% input to 50% output
Pulse Width Distortion
PWD
10
3
2.5
ns
|tPLH − tPHL|
Pulse Width
PW
1000
40
10
ns
Within PWD limit
Propagation Delay Skew
tPSK
38
16
12
ns
Between any two units
Channel Matching
Codirectional
tPSKCD
5
3
2.5
ns
Opposing Direction
tPSKOD
10
6
5
ns
Jitter
2
2
1
ns


Podobny numer części - ADuM5210CRSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5210CRSZ AD-ADUM5210CRSZ Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM5210CRSZ-RL7 AD-ADUM5210CRSZ-RL7 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
More results

Podobny opis - ADuM5210CRSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com