Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N5089 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 2N5089
Szczegółowy opis  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5089 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  2N5089 Datasheet HTML 1Page - Fairchild Semiconductor 2N5089 Datasheet HTML 2Page - Fairchild Semiconductor 2N5089 Datasheet HTML 3Page - Fairchild Semiconductor 2N5089 Datasheet HTML 4Page - Fairchild Semiconductor 2N5089 Datasheet HTML 5Page - Fairchild Semiconductor 2N5089 Datasheet HTML 6Page - Fairchild Semiconductor 2N5089 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Typical Characteristics (continued)
NPN General Purpose Amplifier
(continued)
Input and Output Capacitance
vs Reverse Bias Voltage
04
8
12
16
20
0
1
2
3
4
5
REVERSE BIAS VOLTAGE (V)
f = 1.0 MHz
C ob
C te
Wideband Noise Frequency
vs Source Resistance
1,000
2,000
5,000
10,000
20,000
50,000
100,000
0
1
2
3
4
5
R
- SOURCE RESISTANCE ( )
V
= 5.0 V
BANDWIDTH = 15.7 kHz
CE
I
= 10
µA
C
I
= 100
µA
C
S
I
= 30
µA
C
Contours of Constant Gain
Bandwidth Product (f )
0.1
1
10
100
1
2
3
5
7
10
I - COLLECTOR CURRENT (mA)
C
175 MHz
T
150 MHz
125 MHz
75 MHz
100 MHz
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
125
250
375
500
625
TEMPERATURE ( C)
o
TO-92
SOT-23
Noise Figure vs Frequency
0.0001
0.001
0.01
0.1
1
10
100
0
2
4
6
8
10
f - FREQUENCY (MHz)
V
= 5.0V
CE
I
= 200
µA,
R
= 10 k
C
S
I
= 1.0 mA,
R
= 500
C
S
I
= 100
µA,
R
= 10 k
C
S
I = 1.0 mA,
R = 5.0 k
C
S
Normalized Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
1
10
100
1000
T - AMBIE NT TEMP ERATURE ( C)
A
°


Podobny numer części - 2N5089

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
281Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Samsung semiconductor
2N5089 SAMSUNG-2N5089 Datasheet
32Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
2N5089 MICRO-ELECTRONICS-2N5089 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
153Kb / 8P
   Amplifier Transistors
November, 2001 ??Rev. 1
logo
Central Semiconductor C...
2N5089 CENTRAL-2N5089 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
More results

Podobny opis - 2N5089

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com