Zakładka z wyszukiwarką danych komponentów |
|
4N37 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor |
|
4N37 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor |
4 / 15 page 6/15/05 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS Page 4 of 15 © 2005 Fairchild Semiconductor Corporation TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.) DC Characteristic Test Conditions Symbol Device Min Typ* Max Unit Current Transfer Ratio, Collector to Emitter (IF = 10 mA, VCE = 10 V) CTR 4N35 4N36 4N37 100 % H11A1 50 H11A5 30 4N25 4N26 H11A2 H11A3 20 4N27 4N28 H11A4 10 (IF = 10 mA, VCE = 10 V, TA = -55°C) 4N35 4N36 4N37 40 (IF = 10 mA, VCE = 10 V, TA = +100°C) 4N35 4N36 4N37 40 Collector-Emitter Saturation Voltage (IC = 2 mA, IF = 50 mA) VCE (SAT) 4N25 4N26 4N27 4N28 0.5 V (IC = 0.5 mA, IF = 10 mA) 4N35 4N36 4N37 0.3 H11A1 H11A2 H11A3 H11A4 H11A5 0.4 AC Characteristic (IF = 10 mA, VCC = 10 V, RL = 100Ω) (Fig.20) TON 4N25 4N26 4N27 4N28 H11A1 H11A2 H11A3 H11A4 H11A5 2µs Non-Saturated Turn-on Time Non Saturated Turn-on Time (IC = 2 mA, VCC = 10 V, RL = 100Ω) (Fig.20) TON 4N35 4N36 4N37 210 µs |
Podobny numer części - 4N37 |
|
Podobny opis - 4N37 |