Zakładka z wyszukiwarką danych komponentów |
|
HCPL-4502 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor |
|
HCPL-4502 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor |
6 / 12 page 6 www.fairchildsemi.com Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3 Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified) Notes 1. Derate linearly above 70°C free-air temperature at a rate of 0.8 mA/°C. 2. Derate linearly above 70°C free-air temperature at a rate of 1.6 mA/°C. 3. Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C. 4. Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C. 5. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%. 6. The 4.1 k Ω load represents 1 LSTTL unit load of 0.36 mA and 6.1kΩ pull-up resistor. 7. The 1.9 k Ω load represents 1 TTL unit load of 1.6 mA and 5.6 kΩ pull-up resistor. 8. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the com- mon mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0 V). Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V). 9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together. 10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. I Characteristics Test Conditions Symbol Min Typ** Max Unit Input-output insulation leakage current (Relative humidity = 45%) (TA = 25°C, t = 5 s) (VI-O = 3000 VDC) (Note 9) II-O 1.0 µA Withstand insulation test voltage (RH ≤ 50%, TA = 25°C) (Note 9) ( t = 1 min.) VISO 2500 VRMS Resistance (input to output) (Note 9) (VI-O = 500 VDC) RI-O 1012 Ω Capacitance (input to output) (Note 9) (f = 1 MHz) CI-O 0.6 pF DC Current gain (IO = 3 mA, VO = 5 V) HFE 150 Input-Input Insulation leakage current (RH ≤ 45%, VI-I = 500 VDC) (Note 10) t = 5 s, (HCPL-2530/2531 only) II-I 0.005 µA Input-Input Resistance (VI-I = 500 VDC) (Note 10) (HCPL-2530/2531 only) RI-I 1011 Ω Input-Input Capacitance (f = 1 MHz) (Note 10) (HCPL-2530/2531 only) CI-I 0.03 pF |
Podobny numer części - HCPL-4502 |
|
Podobny opis - HCPL-4502 |