Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT16543CSSC Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74ABT16543CSSC
Szczegółowy opis  16-Bit Registered Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16543CSSC Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74ABT16543CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 1993
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS011646.prf
www.fairchildsemi.com
74ABT16543
16-Bit Registered Transceiver with 3-STATE Outputs
General Description
The ABT16543 16-bit transceiver contains two sets of D-
type latches for temporary storage of data flowing in either
direction. Separate Latch Enable and Output Enable inputs
are provided for each register to permit independent con-
trol of inputting and outputting in either direction of data
flow. Each byte has separate control inputs, which can be
shorted together for full 16-bit operation.
Features
s Back-to-back registers for storage
s Bidirectional data path
s A and B outputs have current sourcing capability of 32
mA and current sinking capability of 64 mA
s Separate control logic for each byte
s 16-bit version of the ABT543
s Separate controls for data flow in each direction
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
Ordering Code:
Devices also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignment for SSOP and TSSOP
Pin Descriptions
Order Number
Package Number
Package Description
74ABT16543CSSC
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ABT16543CMTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEABn
A-to-B Output Enable Input (Active LOW)
OEBAn
B-to-A Output Enable Input (Active LOW)
CEABn
A-to-B Enable Input (Active LOW)
CEBAn
B-to-A Enable Input (Active LOW)
LEABn
A-to-B Latch Enable Input (Active LOW)
LEBAn
B-to-A Latch Enable Input (Active LOW)
A0–A15
A-to-B Data Inputs or
B-to-A 3-STATE Outputs
B0–B15
B-to-A Data Inputs or
A-to-B 3-STATE Outputs


Podobny numer części - 74ABT16543CSSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
logo
Texas Instruments
74ABT16543DGGRE4 TI-74ABT16543DGGRE4 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16543DGGRE4 TI-74ABT16543DGGRE4 Datasheet
399Kb / 15P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16543DGGRG4 TI-74ABT16543DGGRG4 Datasheet
399Kb / 15P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ABT16543CSSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com