Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT244 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74ABT244
Szczegółowy opis  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT244 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74ABT244 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT244 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS010992
www.fairchildsemi.com
May 1992
Revised March 2005
74ABT244
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The ABT244 is an octal buffer and line driver with 3-STATE
outputs designed to be employed as a memory and
address driver, clock driver, or bus-oriented transmitter/
receiver.
Features
s Non-inverting buffers
s Output sink capability of 64 mA, source capability of
32 mA
s Guaranteed output skew
s Guaranteed multiple output switching specifications
s Output switching specified for both 50 pF and 250 pF
loads
s Guaranteed simultaneous switching, noise level and
dynamic threshold performance
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
s Disable time less than enable time to avoid bus conten-
tion
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74ABT244CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT244CSJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT244CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT244CMSAX_NL
(Note 1)
MSA20
Pb-Free 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT244CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ABT244CMTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74ABT244CPC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Podobny numer części - 74ABT244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT244 PHILIPS-74ABT244 Datasheet
101Kb / 10P
   Octal buffer/line driver 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ABT244 FAIRCHILD-74ABT244 Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ABT244 NEXPERIA-74ABT244 Datasheet
231Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 8 July 2021
logo
Fairchild Semiconductor
74ABT244CMSA FAIRCHILD-74ABT244CMSA Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMSAX_NL FAIRCHILD-74ABT244CMSAX_NL Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Podobny opis - 74ABT244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com