Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT377CSC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74ABT377CSC
Szczegółowy opis  Octal D-Type Flip-Flop with Clock Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT377CSC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74ABT377CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT377CSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs
DC Electrical Characteristics
Note 3: Guaranteed but not tested.
Note 4: For 8 bits toggling, ICCD < 0.5 mA/MHz.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-OFF State
−0.5V to +4.75V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
Twice the rated IOL (mA)
DC Latchup Source Current
−500 mA
(Across Comm Operating Range)
Over Voltage Latchup
VCC + 4.5V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate (
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
2.5
VMin
IOH = −3 mA
2.0
IOH = −32 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA
IIH
Input HIGH Current
1
µAMax
VIN = 2.7V (Note 3)
1VIN = VCC
IBVI
Input HIGH Current
7
µAMax
VIN = 7.0V
Breakdown Test
IIL
Input LOW Current
−1
µAMax
VIN = 0.5V (Note 3)
−1V
IN = 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0.0V
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC
ICCH
Power Supply Current
50
µA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCT
Maximum ICC/Input
Outputs Enabled
VI = VCC − 2.1V
1.5
mA
Max
Data Input VI = VCC − 2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
0.3
mA/
Max
Outputs Open (Note 4)
MHz
One bit Toggling, 50% Duty Cycle


Podobny numer części - 74ABT377CSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AD PHILIPS-74ABT377AD Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377ADB PHILIPS-74ABT377ADB Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377AN PHILIPS-74ABT377AN Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74ABT377APW PHILIPS-74ABT377APW Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
More results

Podobny opis - 74ABT377CSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com