Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC125PC Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74AC125PC
Szczegółowy opis  Quad Buffer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC125PC Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74AC125PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 8Page - Fairchild Semiconductor 74AC125PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for AC
Note 9: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
AC Electrical Characteristics for ACT
Note 10: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.0
6.5
9.0
1.0
10.0
ns
Data to Output
5.0
1.0
5.5
7.0
1.0
7.5
tPHL
Propagation Delay
3.3
1.0
6.5
9.0
1.0
10.0
ns
Data to Output
5.0
1.0
5.0
7.0
1.0
7.5
tPZH
Output Enable Time
3.3
1.0
6.0
10.5
1.0
11.0
ns
5.01.0
5.07.0
1.08.0
tPZL
Output Enable Time
3.3
1.0
7.5
10.0
1.0
11.0
ns
5.01.0
5.58.0
1.08.5
tPHZ
Output Disable Time
3.3
1.0
7.5
10.0
1.0
10.5
ns
5.01.0
6.59.0
1.09.5
tPLZ
Output Disable Time
3.3
1.0
7.5
10.5
1.0
11.5
ns
5.01.0
6.59.0
1.09.5
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 10)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.0
6.5
9.0
1.0
10.0
ns
Data to Output
tPHL
Propagation Delay
5.0
1.0
7.0
9.0
1.0
10.0
ns
Data to Output
tPZH
Output Enable Time
5.0
1.0
6.0
8.5
1.0
9.5
ns
tPZL
Output Enable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPHZ
Output Disable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPLZ
Output Disable Time
5.0
1.0
7.5
10.0
1.0
10.5
ns
Symbol
Parameter
AC/ACT
Units
Conditions
Typ
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
45.0
pF
VCC 5.0V


Podobny numer części - 74AC125PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC125PC FAIRCHILD-74AC125PC Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125PC FAIRCHILD-74AC125PC Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
National Semiconductor ...
74AC125PCQB NSC-74AC125PCQB Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
74AC125PCQR NSC-74AC125PCQR Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
74AC125PCX NSC-74AC125PCX Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
More results

Podobny opis - 74AC125PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com