Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC253PC Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74AC253PC
Szczegółowy opis  Dual 4-Input Multiplexer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC253PC Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74AC253PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC253PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC253PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC253PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC253PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC253PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC253PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC253PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
±0.25
±2.5
µA
VI = VIL, VIH
Current
VO = VCC, GND
ICCT
Maximum
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
8.5
15.5
2.0
17.5
ns
Sn to Zn
5.0
2.0
6.5
11.0
1.5
12.5
tPHL
Propagation Delay
3.3
2.5
9.5
16.0
2.0
18.0
ns
Sn to Zn
5.0
2.0
7.0
11.5
1.5
13.0
tPLH
Propagation Delay
3.3
1.5
7.0
14.5
1.5
17.0
ns
In to Zn
5.0
1.5
5.5
10.0
1.5
11.5
tPHL
Propagation Delay
3.3
2.0
7.5
13.0
1.5
15.0
ns
In to Zn
5.0
1.5
5.5
9.5
1.5
11.0
tPZH
Output Enable Time
3.3
1.5
4.5
8.0
1.0
8.5
ns
5.0
1.5
3.5
6.0
1.0
6.5
tPZL
Output Enable Time
3.3
1.5
5.0
8.0
1.0
9.0
ns
5.0
1.5
3.5
6.0
1.0
7.0
tPHZ
Output Disable Time
3.3
2.0
5.5
9.5
1.5
10.0
ns
5.0
2.0
5.0
8.0
1.5
8.5
tPLZ
Output Disable Time
3.3
1.5
5.0
8.0
1.0
9.0
ns
5.0
1.5
4.0
7.0
1.0
7.5


Podobny numer części - 74AC253PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC253PC FAIRCHILD-74AC253PC Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74AC253PC FAIRCHILD-74AC253PC Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
More results

Podobny opis - 74AC253PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com