Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC257SJ Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74AC257SJ
Szczegółowy opis  Quad 2-Input Multiplexer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC257SJ Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74AC257SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC257SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
5.0
7.0
1.0
7.5
ns
In to Zn
tPHL
Propagation Delay
5.0
2.0
6.0
7.5
1.5
8.5
ns
In to Zn
tPLH
Propagation Delay
5.0
2.0
7.0
9.5
1.5
10.5
ns
S to Zn
tPHL
Propagation Delay
5.0
2.5
7.0
10.5
2.0
11.5
ns
S to Zn
tPZH
Output Enable Time
5.0
2.0
6.0
8.0
1.5
9.0
ns
tPZL
Output Enable Time
5.0
2.0
6.0
8.0
1.5
9.0
ns
tPHZ
Output Disable Time
5.0
2.5
6.5
9.0
1.5
10.0
ns
tPLZ
Output Disable Time
5.0
2.0
6.0
7.5
1.5
8.5
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
50.0
pF
VCC = 5.0V


Podobny numer części - 74AC257SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74AC257 ONSEMI-74AC257 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74AC257B STMICROELECTRONICS-74AC257B Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74AC257M STMICROELECTRONICS-74AC257M Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74AC257MTR STMICROELECTRONICS-74AC257MTR Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
More results

Podobny opis - 74AC257SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257ASCX FAIRCHILD-74F257ASCX Datasheet
80Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com