Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF3300 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MMSF3300
Szczegółowy opis  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3300 Arkusz danych(HTML) 4 Page - Motorola, Inc

  MMSF3300 Datasheet HTML 1Page - Motorola, Inc MMSF3300 Datasheet HTML 2Page - Motorola, Inc MMSF3300 Datasheet HTML 3Page - Motorola, Inc MMSF3300 Datasheet HTML 4Page - Motorola, Inc MMSF3300 Datasheet HTML 5Page - Motorola, Inc MMSF3300 Datasheet HTML 6Page - Motorola, Inc MMSF3300 Datasheet HTML 7Page - Motorola, Inc MMSF3300 Datasheet HTML 8Page - Motorola, Inc MMSF3300 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMSF3300
4
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
4
8
10
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
2.0
2.5
4.0
0
4
8
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
23
4
10
0
0.20
0.30
02
4
6
8
16
0.016
0.018
0.020
0.008
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. On–Resistance versus
Gate–To–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1.5
2.0
510
15
30
1
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 125°C
25
°C
–55
°C
TJ = 25°C
VGS = 0 V
ID = 5.0 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
ID = 10 A
3.0
3.5
56
78
9
10
10 V
– 50
– 25
0
25
50
75
100
125
150
TJ = 125°C
1.0
10
20
25
100
°C
0
0.25
0.50
1.25
0.75
1.00
1.50
1.75
2.00
2
TJ = 25°C
1
6
2
6
10
0.10
0.002
0.004
0.006
0
0.5
0
0.1
3
7
5
9
3
7
1
5
9
0.15
0.25
0.05
0.014
0.010
0.012
12
6.0 V
4.5 V
4.1 V
3.7 V
3.3 V
3.1 V
2.9 V
25
°C
VGS = 2.7 V
10 V
3.5 V
14


Podobny numer części - MMSF3300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
More results

Podobny opis - MMSF3300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com