Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF3300 Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MMSF3300
Szczegółowy opis  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3300 Arkusz danych(HTML) 2 Page - Motorola, Inc

  MMSF3300 Datasheet HTML 1Page - Motorola, Inc MMSF3300 Datasheet HTML 2Page - Motorola, Inc MMSF3300 Datasheet HTML 3Page - Motorola, Inc MMSF3300 Datasheet HTML 4Page - Motorola, Inc MMSF3300 Datasheet HTML 5Page - Motorola, Inc MMSF3300 Datasheet HTML 6Page - Motorola, Inc MMSF3300 Datasheet HTML 7Page - Motorola, Inc MMSF3300 Datasheet HTML 8Page - Motorola, Inc MMSF3300 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMSF3300
2
Motorola TMOS Power MOSFET Transistor Device Data
POWER RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp
≤ 10 ms)
Mounted on 1 inch square
FR–4 or G10 board
ID
ID
IDM
11.5
8.2
50
Adc
Adc
Adc
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
VGS = 10 Vdc
PD
2.5
20
Watts
mW/
°C
Thermal Resistance — Junction–to–Ambient
t
≤ 10 seconds
R
θJA
50
°C/W
Continuous Source Current (Diode Conduction)
t
≤ 10 seconds
IS
3.0
Adc
Parameter
Symbol
Value
Unit
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp
≤ 10 ms)
Mounted on 1 inch square
FR–4 or G10 board
ID
ID
IDM
9.1
6.5
50
Adc
Adc
Adc
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
VGS = 10 Vdc
PD
1.6
12.5
Watts
mW/
°C
Thermal Resistance — Junction–to–Ambient
Steady State
R
θJA
80
°C/W
Continuous Source Current (Diode Conduction)
Steady State
IS
2.0
Adc
Parameter
Symbol
Value
Unit
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp
≤ 10 ms)
Mounted on minimum recommended
FR–4 or G10 board
ID
ID
IDM
9.1
6.5
50
Adc
Adc
Adc
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
VGS = 10 Vdc
PD
1.6
12.5
Watts
mW/
°C
Thermal Resistance — Junction–to–Ambient
t
≤ 10 seconds
R
θJA
80
°C/W
Continuous Source Current (Diode Conduction)
t
≤ 10 seconds
IS
2.0
Adc
Parameter
Symbol
Value
Unit
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp
≤ 10 ms)
Mounted on minimum recommended
FR–4 or G10 board
ID
ID
IDM
6.7
4.7
50
Adc
Adc
Adc
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
VGS = 10 Vdc
PD
0.8
6.7
Watts
mW/
°C
Thermal Resistance — Junction–to–Ambient
Steady State
R
θJA
150
°C/W
Continuous Source Current (Diode Conduction)
Steady State
IS
1.0
Adc


Podobny numer części - MMSF3300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
More results

Podobny opis - MMSF3300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com