Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N36T-M Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części 4N36T-M
Szczegółowy opis  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N36T-M Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button 4N36T-M Datasheet HTML 7Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 8Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 9Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 10Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 11Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 12Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 13Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 14Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6/15/05
Page 11 of 15
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
White Package (-M Suffix)
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Package Dimensions (0.4” Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.320 (8.13)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.100 (2.54)
0.015 (0.38)
0.020 (0.50)
0.016 (0.41)
0.100 (2.54)
15
°
0.012 (0.30)
Pin 1 ID
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.390 (9.90)
0.332 (8.43)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.320 (8.13)
0.035 (0.88)
0.006 (0.16)
0.012 (0.30)
0.008 (0.20)
0.200 (5.08)
0.115 (2.93)
0.025 (0.63)
0.020 (0.51)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
PIN 1 ID
0.350 (8.89)
PIN 1 ID
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
0.100 (2.54)
0.015 (0.38)
0.012 (0.30)
0.008 (0.21)
0.425 (10.80)
0.400 (10.16)
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.305 (7.75)
0.425 (10.79)


Podobny numer części - 4N36T-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
4N36T FAIRCHILD-4N36T Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N36TV FAIRCHILD-4N36TV Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Podobny opis - 4N36T-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com