Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC244PCX Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74AC244PCX
Szczegółowy opis  Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC244PCX Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74AC244PCX Datasheet HTML 1Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 2Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 3Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 4Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 5Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 6Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 7Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 8Page - Fairchild Semiconductor 74AC244PCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for AC
Note 8: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
Symbol
Parameter
VCC
TA 25qCTA 55qC to 125qC TA 40qC to 85qC
Units
(V)
CL 50 pF
CL 50 pF
CL 50 pF
(Note 8)
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
6.5
9.0
1.0
12.5
1.5
10.0
ns
Data to Output
5.0
1.5
5.0
7.0
1.0
9.5
1.0
7.5
tPHL
Propagation Delay
3.3
2.0
6.5
9.0
1.0
12.0
2.0
10.0
ns
Data to Output
5.0
1.5
5.0
7.0
1.0
9.0
1.0
7.5
tPZH
Output Enable Time
3.3
2.0
6.0
10.5
1.0
11.5
1.5
11.0
ns
5.0
1.5
5.0
7.0
1.0
9.0
1.5
8.0
tPZL
Output Enable Time
3.3
2.5
7.5
10.0
1.0
13.0
2.0
11.0
ns
5.0
1.5
5.5
8.0
1.0
10.5
1.5
8.5
tPHZ
Output Disable Time
3.3
3.0
7.0
10.0
1.0
12.5
1.5
10.5
ns
5.0
2.5
6.5
9.0
1.0
10.5
1.0
9.5
tPLZ
Output Disable Time
3.3
2.5
7.5
10.5
1.0
13.0
2.5
11.5
ns
5.0
2.0
6.5
9.0
1.0
11.0
2.0
9.5
Symbol
Parameter
VCC
TA 25qCTA 55qC to 125qC TA 40qC to 85qC
Units
(V)
CL 50 pF
CL 50 pF
CL 50 pF
(Note 9)
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
6.5
9.0
1.0
10.0
1.5
10.0
ns
Data to Output
tPHL
Propagation Delay
5.0
2.0
7.0
9.0
1.0
10.0
1.5
10.0
ns
Data to Output
tPZH
Output Enable Time
5.0
1.5
6.0
8.5
1.0
9.5
1.0
9.5
ns
tPZL
Output Enable Time
5.0
2.0
7.0
9.5
1.0
11.0
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
2.0
7.0
9.5
1.0
11.0
1.5
10.5
ns
tPLZ
Output Disable Time
5.0
2.5
7.5
10.0
1.0
11.5
2.0
10.5
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
45.0
pF
VCC 5.0V


Podobny numer części - 74AC244PCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74AC244PC ONSEMI-74AC244PC Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
More results

Podobny opis - 74AC244PCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com