Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACTQ574SC Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części 74ACTQ574SC
Szczegółowy opis  Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ574SC Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACTQ574SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements for ACTQ
Note 18: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 18)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0
3.0
3.0
ns
Dn to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.5
1.5
ns
Dn to CP
tW
CP Pulse Width,
5.0
2.0
4.0
4.0
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40.0
pF
VCC = 5.0V


Podobny numer części - 74ACTQ574SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ574SC FAIRCHILD-74ACTQ574SC Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Podobny opis - 74ACTQ574SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com