Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACQ573SCX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74ACQ573SCX
Szczegółowy opis  Quiet Series Octal Latch with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ573SCX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74ACQ573SCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ573SCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010633
www.fairchildsemi.com
January 1990
Revised October 2000
74ACQ573 • 74ACTQ573
Quiet Series
 Octal Latch with 3-STATE Outputs
General Description
The ACQ/ACTQ573 is a high-speed octal latch with buff-
ered common Latch Enable (LE) and buffered common
Output Enable (OE) inputs. The ACQ/ACTQ573 is func-
tionally identical to the ACQ/ACTQ373 but with inputs and
outputs on opposite sides of the package. The ACQ/ACTQ
utilizes Fairchild’s Quiet Series
 technology to guarantee
quiet output switching and improved dynamic threshold
performance. FACT Quiet Series
 features GTO output
control and undershoot corrector in addition to a split
ground bus for superior performance.
Features
s ICC and IOZ reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch-up immunity
s Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
s Outputs source/sink 24 mA
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
, Quiet Series, FACT Quiet Series, and GTO are trademarks of Fairchild Semiconductor Corporation
Order Number
Package Number
Package Description
74ACQ573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74ACQ573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACQ573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACQ573PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
74ACTQ573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74ACTQ573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ573QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
74ACTQ573MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACTQ573PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Latch Outputs


Podobny numer części - 74ACQ573SCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ573SCX FAIRCHILD-74ACQ573SCX Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
More results

Podobny opis - 74ACQ573SCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com