Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9834BRU Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9834BRU
Szczegółowy opis  20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9834BRU Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9834BRU Datasheet HTML 7Page - Analog Devices AD9834BRU Datasheet HTML 8Page - Analog Devices AD9834BRU Datasheet HTML 9Page - Analog Devices AD9834BRU Datasheet HTML 10Page - Analog Devices AD9834BRU Datasheet HTML 11Page - Analog Devices AD9834BRU Datasheet HTML 12Page - Analog Devices AD9834BRU Datasheet HTML 13Page - Analog Devices AD9834BRU Datasheet HTML 14Page - Analog Devices AD9834BRU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9834
Rev. B | Page 11 of 32
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
5M
RWB 1k
ST 50 SEC
VWB 300
Figure 19. fMCLK = 10 MHz; fOUT = 1.43 MHz = fMCLK/7,
Frequency Word = 2492492
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
05M
RWB 1k
ST 50 SEC
VWB 300
Figure 20. fMCLK = 10 MHz; fOUT = 3.33 MHz = fMCLK/3,
Frequency Word = 5555555
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
160k
RWB 100
ST 200 SEC
VWB 30
Figure 21. fMCLK = 50 MHz; fOUT = 12 kHz, Frequency Word = 000FBA9
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
01
RWB 100
ST 200 SEC
VWB 300
.6M
Figure 22. fMCLK = 50 MHz; fOUT = 120 kHz, Frequency Word = 009D496
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
02
RWB 1k
ST 200 SEC
VWB 300
5M
Figure 23. fMCLK = 50 MHz; fOUT = 1.2 MHz, Frequency Word = 0624DD3
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
25M
RWB 1k
ST 200 SEC
VWB 300
Figure 24. fMCLK = 50 MHz; fOUT = 4.8 MHz, Frequency Word = 189374C


Podobny numer części - AD9834BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9834BRU AD-AD9834BRU Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
AD9834BRU AD-AD9834BRU Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRU-REEL AD-AD9834BRU-REEL Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRU-REEL7 AD-AD9834BRU-REEL7 Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
More results

Podobny opis - AD9834BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834 Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9833 AD-AD9833 Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9837 AD-AD9837 Datasheet
974Kb / 28P
   Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com