Zakładka z wyszukiwarką danych komponentów |
|
HCPL-2200 Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-2200 Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 13 page 5 Solder Reflow Thermal Profile Regulatory Information The HCPL-2200/2219 have been approved by the following organizations: UL Recognized under UL 1577, Component Recognition Program, File E55361. CSA Approved under CSA Component Acceptance Notice #5, File CA 88324. IEC/EN/DIN EN 60747-5-2 Approved under: IEC 60747-5-2:1997 + A1:2002 EN 60747-5-2:2001 + A1:2002 DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01. (Option 060 only) 0 TIME (SECONDS) 200 100 50 150 100 200 250 300 0 30 SEC. 50 SEC. 30 SEC. 160°C 140°C 150°C PEAK TEMP. 245°C PEAK TEMP. 240°C PEAK TEMP. 230°C SOLDERING TIME 200°C PREHEATING TIME 150°C, 90 + 30 SEC. 2.5°C ± 0.5°C/SEC. 3°C + 1°C/–0.5°C TIGHT TYPICAL LOOSE ROOM TEMPERATURE PREHEATING RATE 3°C + 1°C/–0.5°C/SEC. REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC. Recommended Pb-Free IR Profile 217 °C RAMP-DOWN 6 °C/SEC. MAX. RAMP-UP 3 °C/SEC. MAX. 150 - 200 °C 260 +0/-5 °C t 25 °C to PEAK 60 to 150 SEC. 20-40 SEC. TIME WITHIN 5 °C of ACTUAL PEAK TEMPERATURE tp ts PREHEAT 60 to 180 SEC. tL TL Tsmax Tsmin 25 Tp TIME NOTES: THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX. Tsmax = 200 °C, Tsmin = 150 °C Insulation and Safety Related Specifications Parameter Symbol Value Units Conditions Min. External Air Gap L(IO1) 7.1 mm Measured from input terminals to output terminals, (External Clearance) shortest distance through air. Min. External L(IO2) 7.4 mm Measured from input terminals to output terminals, Tracking Path shortest distance path along body. (External Creepage) Minimum Internal 0.08 mm Through insulation distance, conductor to conductor, Plastic Gap usually the direct distance between the photoemitter (Internal Clearance) and photodetector inside the optocoupler cavity. Tracking Resistance CTI 200 V DIN IEC 112/VDE 0303 Part 1 (Comparative Tracking Index) Isolation Group IIIa Material Group (DIN VDE 0110, 1/89, Table 1) Option 300 – surface mount classification is Class A in accordance with CECC 00802. Note: Non-halide flux should be used. Note: Non-halide flux should be used. |
Podobny numer części - HCPL-2200 |
|
Podobny opis - HCPL-2200 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |