Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT825SPC Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74ACT825SPC
Szczegółowy opis  8-Bit D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT825SPC Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74ACT825SPC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT825SPC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT825SPC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT825SPC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT825SPC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT825SPC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT825SPC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009895
www.fairchildsemi.com
July 1988
Revised September 2000
74ACT825
8-Bit D-Type Flip-Flop
General Description
The ACT825 is an 8-bit buffered register. They have Clock
Enable and Clear features which are ideal for parity bus
interfacing in high performance microprogramming sys-
tems. Also included are multiple enables that allow multi-
use control of the interface. The ACT825 has noninverting
outputs.
Features
s Outputs source/sink 24 mA
s Inputs and outputs are on opposite sides
s TTL compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor.
Order Number
Package Number
Package Description
74ACT825SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74ACT825MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT825SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
D0–D7
Data Inputs
O0–O7
Data Outputs
OE1, OE2, OE3
Output Enables
EN
Clock Enable
CLR
Clear
CP
Clock Input


Podobny numer części - 74ACT825SPC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACT821 FAIRCHILD-74ACT821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FCQB NSC-74ACT823FCQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FCQR NSC-74ACT823FCQR Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
More results

Podobny opis - 74ACT825SPC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825_00 Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
   16-bit D-type flip-flop
1998 Feb 27
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com